Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TL062A Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce TL062A
Description  Low-power JFET dual operational amplifiers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL062A Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button TL062A Datasheet HTML 5Page - STMicroelectronics TL062A Datasheet HTML 6Page - STMicroelectronics TL062A Datasheet HTML 7Page - STMicroelectronics TL062A Datasheet HTML 8Page - STMicroelectronics TL062A Datasheet HTML 9Page - STMicroelectronics TL062A Datasheet HTML 10Page - STMicroelectronics TL062A Datasheet HTML 11Page - STMicroelectronics TL062A Datasheet HTML 12Page - STMicroelectronics TL062A Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
TL062, TL062A, TL062B
Electrical characteristics
Doc ID 2294 Rev 4
9/15
Parameter measurement information
Figure 14.
Voltage follower large signal pulse
response
Figure 15.
Output voltage versus elapsed time
Figure 16.
Equivalent input noise voltage versus frequency
6
4
2
0
-2
-4
02
4
6
8
10
-6
V
CC = +/- 15 V
Time (
μs)
R
L = 10 kΩ
T
amb = + 25 °C
C
L = 100 pF
Input
Output
28
24
20
16
12
8
4
0
-4
0
0.2
0.4
0.6
0.8
1
12
14
V
CC = +/- 15 V
Time (
μs)
R
L = 10 kΩ
T
amb = + 25 °C
Overshoot
t
r
10%
90%
70
60
50
40
30
20
10
0
10
40
100
400 1k
4k
10k
40k 100k
80
90
100
V
CC = +/- 15 V
R
S = 100 Ω
T
amb = + 25 °C
Frequency (Hz)
Figure 17.
Voltage follower
Figure 18.
Gain of 10 inverting amplifier
-
eI
TL062
eo
1/2
R
L = 10 kΩ
C
L = 100 pF
-
eI
TL062
R
L
1/2
eo
10 k
Ω
C
L = 100 pF
1 k
Ω


Numéro de pièce similaire - TL062A

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
TL062A STMICROELECTRONICS-TL062A Datasheet
111Kb / 10P
   LOW POWER J-FET DUAL OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL062A TI-TL062A Datasheet
369Kb / 23P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
TL062A TI-TL062A Datasheet
975Kb / 39P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
TL062A TI-TL062A Datasheet
1Mb / 42P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
TL062A TI-TL062A Datasheet
1Mb / 42P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
More results

Description similaire - TL062A

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
TL062ACDT STMICROELECTRONICS-TL062ACDT Datasheet
866Kb / 15P
   Low-power JFET dual operational amplifiers
TL062CDT STMICROELECTRONICS-TL062CDT Datasheet
866Kb / 15P
   Low-power JFET dual operational amplifiers
TL072CDT STMICROELECTRONICS-TL072CDT Datasheet
323Kb / 16P
   Low noise JFET dual operational amplifiers
logo
Texas Instruments
TL061 TI-TL061 Datasheet
369Kb / 23P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
TL061 TI-TL061_09 Datasheet
1Mb / 42P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TL061CDT STMICROELECTRONICS-TL061CDT Datasheet
332Kb / 16P
   Low power JFET single operational amplifiers
March 2009 Rev 3
logo
Motorola, Inc
MC35181 MOTOROLA-MC35181 Datasheet
417Kb / 9P
   LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
LF441C ONSEMI-LF441C Datasheet
209Kb / 10P
   LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
1996 Rev 0
logo
Texas Instruments
TL061 TI-TL061_10 Datasheet
1Mb / 42P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
logo
Motorola, Inc
TL062 MOTOROLA-TL062 Datasheet
207Kb / 12P
   LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com