Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BF991_2015 Fiches technique(PDF) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

No de pièce BF991_2015
Description  N-channel dual-gate MOS-FET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Site Internet  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BF991_2015 Fiches technique(HTML) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BF991_2015 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BF991_2015 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BF991_2015 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BF991_2015 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BF991_2015 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BF991_2015 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BF991_2015 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
NXP Semiconductors
Product specification
N-channel dual-gate MOS-FET
BF991
FEATURES
• Protected against excessive input voltage surges by
integrated back-to-back diodes between gates
and source.
APPLICATIONS
• VHF applications such as:
– VHF television tuners and FM tuners
– Professional communication equipment.
PINNING
PIN
SYMBOL
DESCRIPTION
1
s, b
source
2
d
drain
3g2
gate 2
4g1
gate 1
Fig.1 Simplified outline (SOT143) and symbol.
Marking code:
%MA.
handbook, halfpage
s,b
d
g
1
g
2
43
2
1
Top view
MAM039
DESCRIPTION
Depletion type field-effect transistor in a plastic SOT143
microminiature package with interconnected source
and substrate.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
VDS
drain-source voltage
20
V
ID
drain current
20
mA
Ptot
total power dissipation
up to Tamb =60 °C
200
mW
Tj
junction temperature
150
°C
transfer admittance
f = 1 kHz; ID = 10 mA; VDS =10V; VG2-S =4V
14
mS
Cig1-s
input capacitance at gate 1 f = 1 MHz; ID = 10 mA; VDS = 10 V; VG2-S = 4 V 2.1
pF
Crs
feedback capacitance
f = 1 MHz; ID = 10 mA; VDS = 10 V; VG2-S =4V 20
fF
F
noise figure
f = 200 MHz; GS = 2 mS; BS =BSopt;
ID = 10 mA; VDS =10V; VG2-S =4V
12dB
Y
fs
Rev. 03 - 20 November 2007
2 of 7


Numéro de pièce similaire - BF991_2015

FabricantNo de pièceFiches techniqueDescription
logo
Quanzhou Jinmei Electro...
BF991 JMNIC-BF991_15 Datasheet
232Kb / 7P
   N-channel dual-gate MOS-FET
More results

Description similaire - BF991_2015

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BF996S PHILIPS-BF996S Datasheet
35Kb / 5P
   N-channel dual-gate MOS-FET
April 1991
logo
Quanzhou Jinmei Electro...
BF994S_2015 JMNIC-BF994S_2015 Datasheet
37Kb / 5P
   N-channel dual-gate MOS-FET
BF998WR_2015 JMNIC-BF998WR_2015 Datasheet
82Kb / 12P
   N-channel dual-gate MOS-FET
BF908WR JMNIC-BF908WR_15 Datasheet
75Kb / 7P
   N-channel dual-gate MOS-FET
logo
NXP Semiconductors
BF991 NXP-BF991 Datasheet
226Kb / 7P
   N-channel dual-gate MOS-FET
Rev. 03-20 November 2007
BF998WR PHILIPS-BF998WR Datasheet
94Kb / 12P
   N-channel dual-gate MOS-FET
1997 Sep 05
logo
Quanzhou Jinmei Electro...
BF904WR_2015 JMNIC-BF904WR_2015 Datasheet
91Kb / 12P
   N-channel dual-gate MOS-FET
BF908WR_2015 JMNIC-BF908WR_2015 Datasheet
75Kb / 7P
   N-channel dual-gate MOS-FET
BF996S JMNIC-BF996S_15 Datasheet
37Kb / 5P
   N-channel dual-gate MOS-FET
logo
NXP Semiconductors
BF994S PHILIPS-BF994S Datasheet
41Kb / 5P
   N-channel dual-gate MOS-FET
July 1993
BF997 PHILIPS-BF997 Datasheet
31Kb / 5P
   N-channel dual-gate MOS-FET
April 1991
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com