Moteur de recherche de fiches techniques de composants électroniques |
|
SS24 Fiches technique(PDF) 1 Page - Micro Commercial Components |
|
SS24 Fiches technique(HTML) 1 Page - Micro Commercial Components |
1 / 4 page SS22 THRU SS210 2 Amp Schottky Rectifier 20 to 100 Volts Features • Low Forward Voltage • Low Forward Voltage • Guard Ring Protection Maximum Ratings • Operating Temperature: -55 °C to +125°C • Storage Temperature: -55 °C to +150°C • Maximum Thermal Resistance : RthjL-15 °C/W; Rthja- MCC Catalog Number Device Marking Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage SS22 SS22 20V 14V 20V SS23 SS23 30V 21V 30V SS24 SS24 40V 28V 40V SS25 SS25 50V 35V 50V SS26 SS26 60V 42V 60V SS28 SS28 80V 56V 80V SS210 SS210 100V 70V 100V Electrical Characteristics @ 25 °C Unless Otherwise Specified Average Forward Current IF(AV) 2.0A TJ = 100 °C 0.5mA Maximum DC Reverse Current At Rated DC Blocking Voltage IR TJ = 25 °C Typical Junction Capacitance SS22 SS23-SS210 CJ 230pF 50pF Measured at 1.0MHz, VR=4.0V *Pulse test: Pulse width 300 µsec, Duty cycle 2% Maximum Instantaneous Forward Voltage SS22-SS24 SS25-SS26 SS28-SS210 VF .55V .70V .85V IFM = 2.0A; TJ = 25 °C* Peak Forward Surge Current IFSM 50A 8.3ms, half sine DO-214AC (SMA) (High Profile) H J E F G A B D C Cathode Band 0.070” 0.090” 0.085” SUGGESTED SOLDER PAD LAYOUT DIMENSIONS INCHES MM DIM MIN MAX MIN MAX NOTE A .078 .116 1.98 2.95 B .067 .089 1.70 2.25 C .002 .008 .05 .20 D --- .02 --- .51 E .035 .055 .89 1.40 F .065 .09 6 1.65 2. 45 G .205 .224 5.21 5.69 H .160 .180 4.06 4.57 J .100 .112 2.57 2.84 omponents 20736 Marilla Street Chatsworth !"# $% !"# MCC Revision: C 20 11/11/01 TM Micro Commercial Components www.mccsemi.com 1 of 4 • Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates Compliant. See ordering information) Note: 1. High Temperature Solder Exemptions Applied, see EU Directive Annex 7. • Epoxy meets UL 94 V-0 flammability rating • Moisture Sensitivity Level 1 73 °C/W NOT RECOMMENDED FOR NEW DESIGNS USE SS22-LTP~SS210-LTP SERIES |
Numéro de pièce similaire - SS24 |
|
Description similaire - SS24 |