Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

8XC196NT Fiches technique(PDF) 7 Page - Intel Corporation

No de pièce 8XC196NT
Description  CHMOS MICROCONTROLLER WITH 1 MBYTE LINEAR ADDRESS SPACE
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

8XC196NT Fiches technique(HTML) 7 Page - Intel Corporation

Back Button 8XC196NT Datasheet HTML 3Page - Intel Corporation 8XC196NT Datasheet HTML 4Page - Intel Corporation 8XC196NT Datasheet HTML 5Page - Intel Corporation 8XC196NT Datasheet HTML 6Page - Intel Corporation 8XC196NT Datasheet HTML 7Page - Intel Corporation 8XC196NT Datasheet HTML 8Page - Intel Corporation 8XC196NT Datasheet HTML 9Page - Intel Corporation 8XC196NT Datasheet HTML 10Page - Intel Corporation 8XC196NT Datasheet HTML 11Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
8XC196NT
ABSOLUTE MAXIMUM RATINGS
Storage Temperature
b
60 Cto a150 C
Voltage from VPP or EA to
VSS or ANGND
b
05V to a130V
Voltage from Any Other Pin
to VSS or ANGND
b
05 to a70V
This includes VPP on ROM and CPU devices
Power Dissipation05W
NOTICE This data sheet contains information on
products in the sampling and initial production phases
of development The specifications are subject to
change without notice Verify with your local Intel
Sales office that you have the latest data sheet be-
fore finalizing a design
WARNING Stressing the device beyond the ‘‘Absolute
Maximum Ratings’’ may cause permanent damage
These are stress ratings only Operation beyond the
‘‘Operating Conditions’’ is not recommended and ex-
tended exposure beyond the ‘‘Operating Conditions’’
may affect device reliability
OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Units
TA
Ambient Temperature Under Bias
0
a
70
C
VCC
Digital Supply Voltage
450
550
V
VREF
Analog Supply Voltage
450
550
V
FOSC
Oscillator Frequency
4
20
MHz (Note 4)
NOTE
ANGND and VSS should be nominally at the same potential
DC CHARACTERISTICS (Under Listed Operating Conditions)
Symbol
Parameter
Min
Typ
Max
Units
Test Conditions
ICC
VCC Supply Current
90
mA
XTAL1 e 20 MHz
VCC e VPP e VREF e 55V
IREF
AD Reference Supply Current
5
mA
(While device in Reset)
IIDLE
Idle Mode Current
40
mA
XTAL1 e 20 MHz
VCC e VPP e VREF e 55V
IPD
Powerdown Mode Current(6)
50
75
m
AVCC e VPP e VREF e 55V(11)
VIL
Input Low Voltage (all pins)
b
05V
03 VCC
V
For PORT0(10)
VIH
Input High Voltage
07 VCC
VCC a 05
V
For PORT0(10)
VIH1
Input High Voltage XTAL1
07 VCC
VCC a 05
V
XTAL1 Input Pin Only(1)
VIH2
Input High Voltage on RESET
07 VCC
VCC a 05
V
RESET input pin only
VOL
Output Low Voltage
03
V
IOL e 200 mA(35)
(Outputs Configured as
045
V
IOL e 32 mA
Complementary)
15
V
IOL e 70 mA
VOH
Output High Voltage
VCC b 03
V
IOH eb200mA(35)
(Outputs Configured as
VCC b 07
V
IOH eb32 mA
Complementary)
VCC b 15
V
IOH eb70 mA
ILI
Input Leakage Current (Std Inputs)
g
10
m
AVSS k VIN k VCC
ILI1
Input Leakage Current (Port 0)
g
3
m
AVCC k VIN k VREF
IIL
Logical 0 Input Current
b
70
m
AVIN e 045V(1)
7


Numéro de pièce similaire - 8XC196NT

FabricantNo de pièceFiches techniqueDescription
logo
Intel Corporation
8XC196NT INTEL-8XC196NT Datasheet
485Kb / 31P
   CHMOS MICROCONTROLLER WITH 1 MBYTE LINEAR ADDRESS SPACE
More results

Description similaire - 8XC196NT

FabricantNo de pièceFiches techniqueDescription
logo
Intel Corporation
8XC196NT INTEL-8XC196NT Datasheet
485Kb / 31P
   CHMOS MICROCONTROLLER WITH 1 MBYTE LINEAR ADDRESS SPACE
87C196NT INTEL-87C196NT Datasheet
1Mb / 31P
   CHMOS MICROCONTROLLER WITH 1 MBYTE LINER ADDRESS SPACE
87C196KD20 INTEL-87C196KD20 Datasheet
1Mb / 25P
   COMMERCIAL CHMOS MICROCONTROLLER
8XC196KD INTEL-8XC196KD Datasheet
383Kb / 25P
   COMMERCIAL CHMOS MICROCONTROLLER
EE87C196KDH20 INTEL-EE87C196KDH20 Datasheet
1Mb / 25P
   COMMERCIAL CHMOS MICROCONTROLLER
80C196KT INTEL-80C196KT Datasheet
1Mb / 31P
   COMMERCIAL CHMOS MICROCONTROLLER
87C196LB INTEL-87C196LB Datasheet
463Kb / 19P
   CHMOS 16-BIT MICROCONTROLLER
87C196KB INTEL-87C196KB Datasheet
1Mb / 22P
   COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
88CO196EC INTEL-88CO196EC Datasheet
660Kb / 44P
   CHMOS 16-Bit Microcontroller
80C196KC INTEL-80C196KC Datasheet
322Kb / 25P
   COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com