Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

1N1184 Fiches technique(PDF) 1 Page - GeneSiC Semiconductor, Inc.

No de pièce 1N1184
Description  Silicon Standard Recovery Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GENESIC [GeneSiC Semiconductor, Inc.]
Site Internet  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.

1N1184 Fiches technique(HTML) 1 Page - GeneSiC Semiconductor, Inc.

  1N1184 Datasheet HTML 1Page - GeneSiC Semiconductor, Inc. 1N1184 Datasheet HTML 2Page - GeneSiC Semiconductor, Inc. 1N1184 Datasheet HTML 3Page - GeneSiC Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VRRM = 50 V - 300 V
IF = 35 A
Features
• High Surge Capability
DO-5 Package
• Types from 50 to 300 V VRRM
• Not ESD Sensitive
Note:
1. Standard polarity: Stud is cathode.
3. Stud is base.
Parameter
Symbol
1N1183 (R) 1N1184 (R)
Unit
Repetitive peak reverse voltage
VRRM
50
100
V
RMS reverse voltage
VRMS
35
70
V
DC blocking voltage
VDC
50
100
V
Silicon Standard
Recovery Diode
Conditions
300
210
300
200
1N1183 thru 1N1187R
1N1187 (R)
200
140
1N1186 (R)
Maximum ratings, at Tj = 25 °C, unless otherwise specified
2. Reverse polarity (R): Stud is anode.
DC blocking voltage
VDC
50
100
V
Continuous forward current
IF
35
35
A
Operating temperature
Tj
-55 to 150 -55 to 150
°C
Storage temperature
Tstg
-55 to 150 -55 to 150
°C
Parameter
Symbol
1N1183 (R) 1N1184 (R)
Unit
Diode forward voltage
1.2
1.2
10
10
μA
10
10
mA
Thermal characteristics
Thermal resistance, junction -
case
RthJC
0.25
0.25
°C/W
V
Electrical characteristics, at Tj = 25 °C, unless otherwise specified
-55 to 150
-55 to 150
TC = 25 °C, tp = 8.3 ms
300
200
Surge non-repetitive forward
current, Half Sine Wave
IF,SM
1N1186 (R)
0.25
VR = 50 V, Tj = 140 °C
0.25
1.2
1.2
10
VR = 50 V, Tj = 25 °C
IF = 35 A, Tj = 25 °C
TC ≤ 140 °C
Conditions
595
595
-55 to 150
35
35
10
A
595
Reverse current
IR
VF
595
-55 to 150
1N1187 (R)
10
10
www.genesicsemi.com/silicon-products/standard-recovery-rectifiers/
1


Numéro de pièce similaire - 1N1184

FabricantNo de pièceFiches techniqueDescription
Microsemi Corporation
Microsemi Corporation
1N1184 MICROSEMI-1N1184 Datasheet
113Kb / 2P
   Military Silicon Power Rectifier
Digitron Semiconductors
Digitron Semiconductors
1N1184 DIGITRON-1N1184 Datasheet
124Kb / 3P
   STANDARD RECOVERY RECTIFIER
Diotec Semiconductor
Diotec Semiconductor
1N1184 DIOTEC-1N1184 Datasheet
160Kb / 2P
   Silicon-Power Rectifiers
American Microsemiconductor
American Microsemicondu...
1N1184 AMMSEMI-1N1184 Datasheet
628Kb / 1P
   General-Purpose
Microsemi Corporation
Microsemi Corporation
1N1184 MICROSEMI-1N1184 Datasheet
128Kb / 2P
   Silicon Power Rectifier
More results

Description similaire - 1N1184

FabricantNo de pièceFiches techniqueDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
S85JR ETC2-S85JR Datasheet
397Kb / 2P
   Silicon Standard Recovery Diode
GeneSiC Semiconductor, Inc.
GeneSiC Semiconductor, ...
GKN7104 GENESIC-GKN7104 Datasheet
568Kb / 3P
   Silicon Standard Recovery Diode
KBU10005 GENESIC-KBU10005 Datasheet
298Kb / 2P
   Silicon Standard Recovery Diode
MSRT15060AD GENESIC-MSRT15060AD Datasheet
408Kb / 3P
   Silicon Standard Recovery Diode
MSRT20060AD GENESIC-MSRT20060AD Datasheet
408Kb / 3P
   Silicon Standard Recovery Diode
S6B GENESIC-S6B Datasheet
763Kb / 3P
   Silicon Standard Recovery Diode
S12K GENESIC-S12K Datasheet
770Kb / 3P
   Silicon Standard Recovery Diode
S16B GENESIC-S16B Datasheet
760Kb / 3P
   Silicon Standard Recovery Diode
S16K GENESIC-S16K Datasheet
761Kb / 3P
   Silicon Standard Recovery Diode
S40K GENESIC-S40K Datasheet
584Kb / 3P
   Silicon Standard Recovery Diode
S85B GENESIC-S85B Datasheet
589Kb / 3P
   Silicon Standard Recovery Diode
More results


Html Pages

1  2  3 


Fiches technique Télécharger

Go To PDF Page


Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz