Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVC1G11GW Fiches technique(PDF) 6 Page - NXP Semiconductors

No de pièce 74LVC1G11GW
Description  Single 3-input AND gate
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC1G11GW Fiches technique(HTML) 6 Page - NXP Semiconductors

Back Button 74LVC1G11GW Datasheet HTML 2Page - NXP Semiconductors 74LVC1G11GW Datasheet HTML 3Page - NXP Semiconductors 74LVC1G11GW Datasheet HTML 4Page - NXP Semiconductors 74LVC1G11GW Datasheet HTML 5Page - NXP Semiconductors 74LVC1G11GW Datasheet HTML 6Page - NXP Semiconductors 74LVC1G11GW Datasheet HTML 7Page - NXP Semiconductors 74LVC1G11GW Datasheet HTML 8Page - NXP Semiconductors 74LVC1G11GW Datasheet HTML 9Page - NXP Semiconductors 74LVC1G11GW Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
74LVC1G11
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 7 — 4 July 2012
6 of 17
NXP Semiconductors
74LVC1G11
Single 3-input AND gate
11. Dynamic characteristics
[1]
Typical values are measured at Tamb =25 C and VCC = 1.8 V, 2.5 V, 2.7 V, 3.3 V and 5.0 V respectively.
[2]
tpd is the same as tPLH and tPHL.
[3]
CPD is used to determine the dynamic power dissipation (PD in W).
PD =CPD  VCC2  fi  N+ (CL  VCC2  fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
(C
L  VCC
2
 f
o) = sum of the outputs.
12. Waveforms
Table 8.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); for load circuit see Figure 8.
Symbol Parameter
Conditions
40 C to +85 C
40 C to +125 C Unit
Min
Typ[1]
Max
Min
Max
tpd
propagation delay
A, B and C to Y; see Figure 7
[2]
VCC = 1.65 V to 1.95 V
1.5
4.7
17.2
1.5
21.5
ns
VCC = 2.3 V to 2.7 V
1.0
3.0
6.2
1.0
7.8
ns
VCC = 2.7 V
1.0
3.0
6.0
1.0
7.5
ns
VCC = 3.0 V to 3.6 V
1.0
2.6
4.9
1.0
6.2
ns
VCC = 4.5 V to 5.5 V
1.0
1.9
3.5
1.0
4.4
ns
CPD
power dissipation
capacitance
VI = GND to VCC; VCC = 3.3 V
[3]
-13-
-
-
pF
Measurement points are given in Table 9.
VOL and VOH are typical output voltage levels that occur with the output load.
Fig 7.
The input (A, B, C) to output (Y) propagation delays
001aac031
A, B, C
input
VI
GND
VOH
VOL
Y output
VM
tPHL
tPLH
VM


Numéro de pièce similaire - 74LVC1G11GW

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LVC1G11GW PHILIPS-74LVC1G11GW Datasheet
71Kb / 14P
   Single 3-input AND gate
Rev. 01-30 November 2004
74LVC1G11GW NXP-74LVC1G11GW Datasheet
84Kb / 14P
   Single 3-input AND gate
Rev. 04-1 August 2007
logo
Nexperia B.V. All right...
74LVC1G11GW NEXPERIA-74LVC1G11GW Datasheet
261Kb / 16P
   Single 3-input AND gate
Rev. 13 - 9 May 2023
74LVC1G11GW-Q100 NEXPERIA-74LVC1G11GW-Q100 Datasheet
777Kb / 13P
   Single 3-input AND gate
More results

Description similaire - 74LVC1G11GW

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74LVC1G11-Q100 NEXPERIA-74LVC1G11-Q100 Datasheet
777Kb / 13P
   Single 3-input AND gate
logo
NXP Semiconductors
74LVC1G11 NXP-74LVC1G11 Datasheet
84Kb / 14P
   Single 3-input AND gate
Rev. 04-1 August 2007
74LVC1G11 PHILIPS-74LVC1G11 Datasheet
71Kb / 14P
   Single 3-input AND gate
Rev. 01-30 November 2004
logo
Nexperia B.V. All right...
74LVC1G11 NEXPERIA-74LVC1G11 Datasheet
261Kb / 16P
   Single 3-input AND gate
Rev. 13 - 9 May 2023
logo
Unisonic Technologies
U74LVC1G11 UTC-U74LVC1G11_15 Datasheet
191Kb / 6P
   SINGLE 3-INPUT POSITIVE-AND GATE
logo
Texas Instruments
SN74LVC1G11-EP TI1-SN74LVC1G11-EP_16 Datasheet
838Kb / 12P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE AND GATE
SN74LVC1G11-EP TI-SN74LVC1G11-EP Datasheet
532Kb / 11P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE AND GATE
SN74LVC1G11-Q1 TI1-SN74LVC1G11-Q1 Datasheet
321Kb / 11P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE-AND GATE
logo
Diodes Incorporated
74LVC1G11_1107 DIODES-74LVC1G11_1107 Datasheet
309Kb / 13P
   SINGLE 3 INPUT POSITIVE AND GATE
logo
Unisonic Technologies
U74LVC1G11 UTC-U74LVC1G11 Datasheet
188Kb / 6P
   SINGLE 3-INPUT POSITIVE-AND GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com