Moteur de recherche de fiches techniques de composants électroniques |
|
HLMP-4790G0B02 Fiches technique(PDF) 5 Page - Agilent(Hewlett-Packard) |
|
HLMP-4790G0B02 Fiches technique(HTML) 5 Page - Agilent(Hewlett-Packard) |
5 / 10 page 5 Absolute Maximum Ratings Parameter Maximum Rating Units Power Dissipation Red 24 mW (Derate linearly from 92 °C at 1.0 mA/°C) Yellow 36 Green 24 DC and Peak Forward Current 7 mA Transient Forward Current (10 µs Pulse)[1] 500 mA Reverse Voltage (IR = 50 µA) 5.0 V Operating Temperature Range Red/Yellow -55 °C to 100°C Green -20 °C to 100°C Storage Temperature Range -55 °C to +100°C Lead Soldering Temperature 260 °C for 5 seconds [1.6 mm (0.063 in.) from body] Note: 1. The transient peak current is the maximum non-recurring peak current the devices can withstand without damaging the LED die and wire bonds. It is not recommended that the device be operated at peak currents beyond the Absolute Maximum Peak Forward Current. Figure 2. Forward Current vs. Forward Voltage. Figure 3. Relative Luminous Intensity vs. Forward Current. Figure 1. Relative Intensity vs. Wavelength. 0 0 VOLTAGE – V 1.5 6 0.5 1.0 2.5 2 4 8 10 2.0 RED YELLOW GREEN |
Numéro de pièce similaire - HLMP-4790G0B02 |
|
Description similaire - HLMP-4790G0B02 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |