Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

H34063AP Datasheet(Fiches technique) 6 Page - Hi-Sincerity Mocroelectronics

Numéro de pièce H34063AP
Description  DC-TO-DC Converter Integrate Circuit Devices
Télécharger  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  HSMC [Hi-Sincerity Mocroelectronics]
Site Internet  http://www.hsmc.com.tw
Logo 

H34063AP Datasheet(HTML) 6 Page - Hi-Sincerity Mocroelectronics

   
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : Preliminary Data
Issued Date : 1998.08.01
Revised Date : 1999.06.01
Page No. : 6/6
HSMC Product Specification
DIP-8P Dimension
*:Typical
Inches
Millimeters
Inches
Millimeters
DIM
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
0.2480
0.2520
6.29
6.40
H
0.0150
0.0210
0.38
0.53
B
0.3630
0.3670
9.22
9.32
I
0.0898
0.1098
2.28
2.79
C-
*
0.0600
-
*1.52
J
0.2950
0.3050
7.49
7.74
D
-
*0.0500
-
*1.27
K
-
*0.1181
-
*3.00
E
-
*0.0390
-
*0.99
L
0.3370
0.7470
8.56
8.81
F
0.1280
0.1320
3.25
3.35
M
0.0090
0.0150
0.229
0.381
G
0.1250
0.1400
3.17
3.55
α194°
97
°
94
°
97
°
Notes : 1.Dimension and tolerance based on our Spec. dated Sep. 07,1997.
2.Controlling dimension : millimeters.
3.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
4.If there is any question with packing specification or packing method, please contact your local HSMC sales office.
Material :
• Lead : 42 Alloy ; solder plating
• Mold Compound : Epoxy resin family, flammability solid burning class:UL94V-0
Important Notice :
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of HSMC.
• HSMC reserves the right to make changes to its products without notice.
• HSMC semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• HSMC assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Head Office And Factory :
• Head Office (Hi-Sincerity Microelectronics Corp.) : 10F.,No. 61, Sec. 2, Chung-Shan N. Rd. Taipei Taiwan R.O.C.
Tel : 886-2-25212056 Fax : 886-2-25632712, 25368454
• Factory 1 : No. 38, Kuang Fu S. Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C
Tel : 886-3-5983621~5 Fax : 886-3-5982931
• Factory 2 : No. 17-1, Ta-Tung Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C
Tel : 886-3-5977061 Fax : 886-3-5979220
DIP-8P Plastic Package
HSMC Package Code : P
Marking :
HSMC Logo
Part Number
Date Code
Package Code
Ink Mark
A
B
87
6
5
4
3
2
1
H
I
F
G
J
K
M
L
α1
E
D
C


Html Pages

1  2  3  4  5  6 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
H34063ADC-TO-DC CONVERTER INTEGRATE CIRCUIT DEVICES 1 2 3 4 5 MoreHi-Sincerity Mocroelectronics
AX34063APDC-to-DC Converter Integrate Circuit Devices 1 2 3 4 5 MoreList of Unclassifed Manufacturers
H34063ASDC-TO-DC Converter Integrate Circuit Devices  1 2 3 4 5 MoreHi-Sincerity Mocroelectronics
GM340631.5A DC-to-DC CONVERTER CONTROL CIRCUIT 1 2 3 4 5 MoreList of Unclassifed Manufacturers
B34063A1.5Amp DC-to-DC Converter Control Circuit 1 2 3 4 5 MoreList of Unclassifed Manufacturers
PL34063AP8DC-to-DC Converter Control Circuit 1 2 3 4 5 MoreCystech Electonics Corp.
PL34063AQ8DC-to-DC Converter Control Circuit 1 2 3 4 5 MoreCystech Electonics Corp.
AMS34063DC-TO-DC CONVERTER CONTROL CIRCUIT 1 2 3 4 5 MoreAdvanced Monolithic Systems
AMS36063DC-TO-DC CONVERTER CONTROL CIRCUIT 1 2 3 4 Advanced Monolithic Systems
NTE890Integrated Circuit Voltage to Frequency Converter 1 2 NTE Electronics

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn