Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IAM-82008 Fiches technique(PDF) 3 Page - Agilent(Hewlett-Packard)

No de pièce IAM-82008
Description  Silicon Bipolar MMIC 5 GHz Active Double Balanced Mixer/ IF Amp
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HP [Agilent(Hewlett-Packard)]
Site Internet  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

IAM-82008 Fiches technique(HTML) 3 Page - Agilent(Hewlett-Packard)

  IAM-82008 Datasheet HTML 1Page - Agilent(Hewlett-Packard) IAM-82008 Datasheet HTML 2Page - Agilent(Hewlett-Packard) IAM-82008 Datasheet HTML 3Page - Agilent(Hewlett-Packard) IAM-82008 Datasheet HTML 4Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
7-129
Notes:
1. No external baluns are required.
2. Good heatsinking required on Pin 3 for
specified performance.
Figure 2. IAM-82008 Typical Biasing Configuration.
Figure 5. RF, LO, and IF Port VSWR
vs. Frequency, TA = 25°C, VCC = 10 V.
Figure 6. Typical Conversion Gain, IF
P1 dB , and ICC Current vs. Case
Temperature, TA = 25°C, VCC = 10 V,
RF: -20 dBm at 2 GHz, LO: 0 dBm at
1.75 GHz.
Figure 3. Typical Conversion Gain, IF
P1 dB , and ICC Current vs. VCC Bias
Voltage, TA = 25°C, RF: -20 dBm at 2
GHz, LO: 0 dBm at 1.75 GHz.
Figure 4. Typical RF to IF Conversion
Gain vs. IF Frequency, TA = 25°C, VCC
= 10 V, LO: 0 dBm at 2 GHz.
Figure 7. Typical RF to IF Conversion
Gain vs. LO Power, TA = 25°C, VCC = 10
V, RF: -10 dBm at 2 GHz, LO: 0 dBm at
1.75 GHz.
Figure 8. Typical RF Feedthrough
Relative to IF Carrier, LO to RF and
LO to IF Leakage vs. Frequency, TA =
25
°C, V
CC = 10 V, RF: -20 dBm at
2 GHz, LO: 0 dBm at 1.75 GHz.
Figure 9. Harmonic Intermodulation
Suppression (dB Below Desired
Output) RF at 1 GHz, LO at 0.752
GHz, IF at 0.248 GHz.
0
21
40
73
>75
>75
1
12
0
51
60
>75
>75
2
6
22
41
>75
>75
>75
3
24184074
>75
>75
4
22335275
>75
>75
5
41
36
55
>75
>75
>75
012345
HARMONIC RF ORDER
Xmn = Pif – P(m*rf-n*lo)
20
20
15
15
10
10
5
5
0
0
100
75
50
25
0
0
48
12
16
20
G
C
I
CC
P 1dB
V
(V)
CC
20
12
.01
0.1
2.0
IF FREQUENCY, RF-LO (GHz)
16
0
1.0
8
4
LO = 2 GHz
HIGH SIDE LO =
LOW SIDE LO =
4:1
3:1
2:1
1:1
0.1
1.0
10
FREQUENCY (GHz)
LO
IF
RF
RF
LO
IF
15
20
15
10
5
0
-5
10
5
0
80
70
60
50
40
-55
-25
25
85
125
0
TEMPERATURE (°C)
G
C
I
CC
1dB
P
16
14
12
10
-10
-5
0
5
10
LO POWER (dBm)
0
-10
-20
-30
-40
-50
-60
0.1
1.0
10
FREQUENCY (GHz)
RF to IF
LO to IF
LO to RF
LO to RF
RF to IF
LO to IF
1
2
3
45
6
8
7
OPTIONAL LOW
FREQUENCIES
RF GROUND
V
= 10 V
OPTIONAL LOW
FREQUENCIES
LO GROUND
LO INPUT
IF OUTPUT
V
= 0 V
RF INPUT
PIN 3 IS ALSO
HEATSINK CONTACT
ee
cc
C
BLOCK
C
BLOCK
C
BLOCK
C
BLOCK
C
BLOCK


Numéro de pièce similaire - IAM-82008

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
IAM-82028 HP-IAM-82028 Datasheet
61Kb / 4P
   Silicon Bipolar MMIC 5 GHz Active Double Balanced Mixer/ IF Amp
More results

Description similaire - IAM-82008

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
IAM81008 HP-IAM81008 Datasheet
58Kb / 4P
   Silicon Bipolar MMIC 5 GHz Active Double Balanced Mixer/IF Amp
IAM-81008 HP-IAM-81008 Datasheet
58Kb / 4P
   Silicon Bipolar MMIC 5 GHz Active Double Balanced Mixer/IF Amp
IAM-81028 HP-IAM-81028 Datasheet
57Kb / 4P
   Silicon Bipolar MMIC 5 GHz Active Double Balanced Mixer/IF Amp
IAM-82028 HP-IAM-82028 Datasheet
61Kb / 4P
   Silicon Bipolar MMIC 5 GHz Active Double Balanced Mixer/ IF Amp
logo
Hittite Microwave Corpo...
HMC143 HITTITE-HMC143 Datasheet
118Kb / 4P
   GaAs MMIC DOUBLE-BALANCED MIXER, 5 - 20 GHz
HMC143 HITTITE-HMC143_08 Datasheet
183Kb / 8P
   GaAs MMIC DOUBLE-BALANCED MIXER, 5 - 20 GHz
HMC128G8 HITTITE-HMC128G8_08 Datasheet
174Kb / 4P
   GaAs MMIC SMT DOUBLE - BALANCED MIXER, 1.8 - 5 GHz
logo
Tyco Electronics
MA4EX2401 MACOM-MA4EX2401 Datasheet
422Kb / 4P
   GaAs MMIC Double Balanced 24 GHz Mixer
logo
Analog Devices
HMC774ALC3B AD-HMC774ALC3B Datasheet
519Kb / 27P
   7 GHz to 34 GHz, MMIC, Double Balanced Mixer
logo
Hittite Microwave Corpo...
HMC292 HITTITE-HMC292 Datasheet
167Kb / 6P
   GaAs MMIC DOUBLE-BALANCED MIXER, 18 - 32 GHz
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com