Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

HLMA-VH00 Fiches technique(PDF) 3 Page - Agilent(Hewlett-Packard)

No de pièce HLMA-VH00
Description  T-13/4 (5 mm), Wide Viewing Angle, High Intensity LED Lamps
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HP [Agilent(Hewlett-Packard)]
Site Internet  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMA-VH00 Fiches technique(HTML) 3 Page - Agilent(Hewlett-Packard)

  HLMA-VH00 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMA-VH00 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMA-VH00 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMA-VH00 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMA-VH00 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMA-VH00 Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
1-58
Figure 2a. Forward Current vs.
Forward Voltage, HLMA-VL00/VH00.
Figure 4c. Relative Efficiency vs. Peak
Forward Current, HLMP-V500.
Figure 5b. Maximum Forward DC
Current vs. Ambient Temperature,
HLMP-V100.
Figure 2b. Forward Current vs.
Forward Voltage, HLMP-V100.
Figure 2c. Forward Current vs.
Forward Voltage, HLMP-V500.
50
40
30
20
10
0
0
20
40
60
80
100
TA – AMBIENT TEMPERATURE – °C
60
70
R
θ
JA= 350° C/W
R
θ
JA= 480° C/W
50
40
30
20
10
0
0
20
40
60
80
100
TA – AMBIENT TEMPERATURE – °C
60
70
85
R
θ
JA= 350° C/W
R
θ
JA= 480° C/W
1.3
0.4
IPEAK – PEAK FORWARD CURRENT – mA
1.2
1.0
0.9
1.1
0.6
0
180
60
120
20
100
140
40
80
160
0.5
0.7
0.8
40
0.6
10
IF – FORWARD CURRENT – mA
0
0.2
20
30
0.8
0.4
1.0
50
RED
ORANGE & AMBER
60
1.2
1.4
1.6
GREEN
1.2
1.1
1.0
0.9
0.0
1
4
10
20
40
100
200
400 600
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
IPEAK – PEAK FORWARD CURRENT – mA
1.3
1.0
0
VF – FORWARD VOLTAGE – V
2.5
400
240
160
1.5
2.0
320
3.0
80
40
120
200
280
360
1.7
2.6
1
VF – FORWARD VOLTAGE – V
1.9
2.2
2.0
2.4
200
100
10
2.8
3.0
3.2
1.5
4.0
600
1
VF – FORWARD VOLTAGE – V
2.0
3.0
2.5
3.5
200
100
10
4.5
2.6
0
IPEAK – PEAK FORWARD CURRENT – mA
2.4
1.8
1.4
2.0
0.6
0
400
120
240
40
200
280
80
160
320
0.2
0.8
1.2
2.2
1.6
1.0
0.4
360
Figure 5a. Maximum Forward DC
Current vs. Ambient Temperature,
HLMA-VL00/VH00.
Figure 4b. Relative Efficiency vs. Peak
Forward Current, HLMP-V100.
Figure 3. Relative Luminous Intensity
vs. Forward Current.
Figure 4a. Relative Efficiency vs. Peak
Forward Current, HLMA-VL00/VH00.


Html Pages

1  2  3  4  5  6 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn