Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCPL-4562 Fiches technique(PDF) 10 Page - Agilent(Hewlett-Packard)

No de pièce HCPL-4562
Description  High Bandwidth, Analog/Video Optocouplers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HP [Agilent(Hewlett-Packard)]
Site Internet  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-4562 Fiches technique(HTML) 10 Page - Agilent(Hewlett-Packard)

Back Button HCPL-4562 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-4562 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-4562 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-4562 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-4562 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-4562 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-4562 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL-4562 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HCPL-4562 Datasheet HTML 14Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
1-394
Small Signal Characteristics (AC)
TA = 25°C, IF = 6 mA for HCPL-4562 and IF = 10 mA for HCNW4562 (i.e., Recommended IFO) unless
otherwise specified.
Parameter
Symbol
Device
Min. Typ.* Max. Units
Test Conditions
Fig.
Note
Voltage Gain
GV
HCPL-4562
0.8
2.0
4.2
VIN = 1 VP-P
16
(0.1 MHz) HCNW4562
3.0
GV Temperature
∆G
V/∆T
-0.3
%/
°CV
IN = 1 VP-P,1, 11
Coefficient
fREF = 0.1 MHz
Base Photo
∆i
PB
HCPL-4562
1.1
3.0
-dB
VIN = 1 VP-P,
3, 10,
Current
(6 MHz)
HCNW4562
0.36
fREF = 0.1 MHz
12
Variation
-3 dB Frequency
iPB
HCPL-4562
6
15
MHz VIN = 1 VP-P,
3, 10,
7
(iPB)
(-3 dB)
HCNW4562
13
fREF = 0.1 MHz
12
-3 dB Frequency
GV
HCPL-4562
6
17
MHz VIN = 1 VP-P,
1, 11
7
(GV)
(-3 dB)
HCNW4562
9
fREF = 0.1 MHz
Gain Variation
∆G
V
HCPL-4562
1.1
3.0
-dB
TA = 25°CVIN = 1 VP-P,
1, 11
(6 MHz)
HCNW4562
0.54
fREF = 0.1 MHz
HCPL-4562
0.8
TA = -10°C
1.5
TA = 70°C
∆G
V
HCPL-4562
1.15
-dB
VIN = 1 VP-P,
(10 MHz) HCNW4562
2.27
fREF = 0.1 MHz
Differential
HCPL-4562
± 1.0
%
IFac = 0.7 mA p-p,
3, 7
8
Gain at
IFdc = 3 to 9 mA
f = 3.58 MHz
HCNW4562
± 0.9
IFac = 1 mA p-p,
IFdc = 7 to 13 mA
Differential
HCPL-4562
± 1
deg.
IFac = 0.7 mA p-p,
3, 7
9
Phase at
IFdc = 3 to 9 mA
f = 3.58 MHz
HCNW4562
± 0.6
IFac = 1 mA p-p,
IFdc = 7 to 13 mA
Total Harmonic
THD
HCPL-4562
2.5
%
VIN = 1 VP-P,4
10
Distortion
HCNW4562
0.75
f = 3.58 MHz, GV = 2
Output Noise
VO(noise)
950
µV rms 10 Hz to 10 MHz
1
Voltage
Isolation Mode
IMRR
HCPL-4562
122
dB
f = 120 Hz, GV = 2
14
11
Rejection Ratio
HCNW4562
119


Numéro de pièce similaire - HCPL-4562

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4562 AVAGO-HCPL-4562 Datasheet
358Kb / 17P
   High Bandwidth, Analog/Video Optocouplers
HCPL-4562 AVAGO-HCPL-4562 Datasheet
358Kb / 17P
   High Bandwidth, Analog/Video Optocouplers
logo
Broadcom Corporation.
HCPL-4562 BOARDCOM-HCPL-4562 Datasheet
101Kb / 2P
   Optocoupler Option 020 for 5000 V rms/1 Minute Requirement
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4562-020 AVAGO-HCPL-4562-020 Datasheet
358Kb / 17P
   High Bandwidth, Analog/Video Optocouplers
HCPL-4562-300E AVAGO-HCPL-4562-300E Datasheet
358Kb / 17P
   High Bandwidth, Analog/Video Optocouplers
More results

Description similaire - HCPL-4562

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4562-300E AVAGO-HCPL-4562-300E Datasheet
358Kb / 17P
   High Bandwidth, Analog/Video Optocouplers
HCPL-4562-020 AVAGO-HCPL-4562-020 Datasheet
358Kb / 17P
   High Bandwidth, Analog/Video Optocouplers
HCNR201-500E AVAGO-HCNR201-500E Datasheet
238Kb / 19P
   High-Linearity Analog Optocouplers
HCNR201-300E AVAGO-HCNR201-300E Datasheet
237Kb / 19P
   High-Linearity Analog Optocouplers
HCNR201-000E AVAGO-HCNR201-000E Datasheet
238Kb / 19P
   High-Linearity Analog Optocouplers
HCNR200-300 AVAGO-HCNR200-300 Datasheet
238Kb / 19P
   High-Linearity Analog Optocouplers
HCNR201 AVAGO-HCNR201 Datasheet
238Kb / 19P
   High-Linearity Analog Optocouplers
HCNR200-500E AVAGO-HCNR200-500E Datasheet
238Kb / 19P
   High-Linearity Analog Optocouplers
HCNR201-300 AVAGO-HCNR201-300 Datasheet
396Kb / 19P
   High-Linearity Analog Optocouplers
logo
Agilent(Hewlett-Packard...
HCNR200 HP-HCNR200 Datasheet
241Kb / 16P
   High-Linearity Analog Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com