Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCPL-2202 Fiches technique(PDF) 11 Page - Agilent(Hewlett-Packard)

No de pièce HCPL-2202
Description  Low Input Current Logic Gate Optocouplers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HP [Agilent(Hewlett-Packard)]
Site Internet  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-2202 Fiches technique(HTML) 11 Page - Agilent(Hewlett-Packard)

Back Button HCPL-2202 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-2202 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-2202 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-2202 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-2202 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-2202 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-2202 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-2202 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-2202 Datasheet HTML 11Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
1-130
18
27
36
45
HCPL-2200
DATA
INPUT
D1 (1N4150) REQUIRED FOR
ACTIVE PULL-UP DRIVER.
1.1 k
VCC1 (+5 V)
VCC
GND
D1
TTL OR
LSTTL
50 V
OUTPUT
VO
* SEE NOTE 6.
0 V
VOH
VOL
VO (MAX.)*
VO (MIN.)*
SWITCH AT A: IF = 1.6 mA
SWITCH AT B: IF = 0 mA
VCM
Figure 11. Test Circuit for Common Mode Transient Immunity and Typical
Waveforms.
Figure 13. Recommended LSTTL to LSTTL Circuit.
Figure 15. Recommended LED Drive Circuit.
Figure 12. Thermal Derating Curve,
Dependence of Safety Limiting Value
with Case Temperature per
VDE 0884.
Figure 14. LSTTL to CMOS Interface Circuit.
Figure 16. Series LED Drive with Open Collector Gate
(4.7 k
Resistor Shunts I
OH from the LED).
*The 120 pF capacitor may be omitted in applications where 500 ns propagation delay is sufficient.
7
1
4
5
6
8
HCPL-2200
0.1 µF
BYPASS
OUTPUT VO
MONITORING
NODE
VCC
RIN
2
3
VFF
A
B
+
VCM
PULSE GENERATOR
VCC
GND
0
0
TS – CASE TEMPERATURE – °C
200
50
400
125
25
75 100
150
600
800
200
100
300
500
700
PS (mW)
IS (mA)
HCPL-2219 OPTION 060 ONLY
175
120 pF
18
27
36
45
1
2
HCPL-2200
DATA
INPUT
TTL OR
LSTTL
VCC2
(+5 V)
UP TO 16
LSTTL
LOADS
OR 4 TTL
LOADS
1.1
k
VCC1
(+5 V)
DATA
OUTPUT
TOTEM
POLE
OUTPUT
GATE
VCC
GND
120 pF (OPTIONAL*)
18
27
36
45
HCPL-2200
DATA
INPUT
TTL OR
LSTTL
1.1
k
VCC (+5 V)
OPEN
COLLECTOR
GATE
VCC
GND
4.7 k
120 pF (OPTIONAL*)
18
27
36
45
1
2
HCPL-2200
DATA
INPUT
TTL OR
LSTTL
VCC2
(4.5 TO 20 V)
1.1
k
VCC1
(+5 V)
DATA
OUTPUT
TOTEM
POLE
OUTPUT
GATE
VCC
GND
CMOS
VCC2
5 V
10 V
15 V
20 V
RL
1.1 K
2.37 K
3.83 K
5.11 K
RL


Numéro de pièce similaire - HCPL-2202

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
HCPL-2202 HP-HCPL-2202 Datasheet
239Kb / 15P
   Very High CMR, Wide VCC Logic Gate Optocouplers
HCPL-2202 HP-HCPL-2202 Datasheet
260Kb / 16P
   Very High CMR, Wide VCC Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2202 AVAGO-HCPL-2202 Datasheet
389Kb / 18P
   The HCPL-22XX, HCPL-02XX, and HCNW22XX are optically coupled logic gates. The HCPL??2XX, and HCPL-02XX contain a GaAsP LED while the HCNW22XX contains an AlGaAs LED.
HCPL-2202 AVAGO-HCPL-2202 Datasheet
426Kb / 13P
   Low Input Current Logic Gate Optocouplers
HCPL-2202 AVAGO-HCPL-2202 Datasheet
389Kb / 18P
   Very High CMR, Wide VCC Logic Gate Optocouplers
More results

Description similaire - HCPL-2202

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FOD2200 FAIRCHILD-FOD2200 Datasheet
210Kb / 14P
   LOW INPUT CURRENT LOGIC GATE OPTOCOUPLERS
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2219-300E AVAGO-HCPL-2219-300E Datasheet
426Kb / 13P
   Low Input Current Logic Gate Optocouplers
HCPL-2200-000E AVAGO-HCPL-2200-000E Datasheet
426Kb / 13P
   Low Input Current Logic Gate Optocouplers
logo
Fairchild Semiconductor
FOD2200 FAIRCHILD-FOD2200_08 Datasheet
280Kb / 11P
   Low Input Current Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2200 AVAGO-HCPL-2200 Datasheet
426Kb / 13P
   Low Input Current Logic Gate Optocouplers
logo
Skyworks Solutions Inc.
OLH5700 SKYWORKS-OLH5700 Datasheet
441Kb / 6P
   Hermetic Low Input Current Optocouplers
June 21, 2017
logo
Fairchild Semiconductor
MCT5201M FAIRCHILD-MCT5201M Datasheet
290Kb / 12P
   Low Input Current Phototransistor Optocouplers
MCT5201M_0810 FAIRCHILD-MCT5201M_0810 Datasheet
293Kb / 12P
   Low Input Current Phototransistor Optocouplers
MCT5200 FAIRCHILD-MCT5200 Datasheet
169Kb / 11P
   LOW INPUT CURRENT PHOTOTRANSISTOR OPTOCOUPLERS
logo
Agilent(Hewlett-Packard...
6N139 HP-6N139 Datasheet
259Kb / 16P
   Low Input Current, High Gain Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com