Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

PS2581L1 Fiches technique(PDF) 4 Page - NEC

No de pièce PS2581L1
Description  LONG CREEPAGE TYPE HIGH ISOLATION VOLTAGE 4-PIN PHOTOCOUPLER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

PS2581L1 Fiches technique(HTML) 4 Page - NEC

  PS2581L1 Datasheet HTML 1Page - NEC PS2581L1 Datasheet HTML 2Page - NEC PS2581L1 Datasheet HTML 3Page - NEC PS2581L1 Datasheet HTML 4Page - NEC PS2581L1 Datasheet HTML 5Page - NEC PS2581L1 Datasheet HTML 6Page - NEC PS2581L1 Datasheet HTML 7Page - NEC PS2581L1 Datasheet HTML 8Page - NEC PS2581L1 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
PS2581L1,PS2581L2
ELECTRICAL CHARACTERISTICS (TA = 25
°°°°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Diode
Forward Voltage
VF
IF = 10 mA
1.17
1.4
V
Reverse Current
IR
VR = 5 V
5
µA
Terminal Capacitance
Ct
V = 0 V, f = 1.0 MHz
50
pF
Transistor
Collector to Emitter Dark
Current
ICEO
VCE = 80 V, IF = 0 mA
100
nA
Coupled
Current Transfer Ratio (IC/IF)
*1
CTR
IF = 5 mA, VCE = 5 V
80
200
400
%
Collector Saturation Voltage
VCE(sat)
IF = 10 mA, IC = 2 mA
0.3
V
Isolation Resistance
RI-O
VI-O = 1.0 kVDC
10
11
Isolation Capacitance
CI-O
V = 0 V, f = 1.0 MHz
0.5
pF
Rise Time
*2
tr
VCC = 10 V, IC = 2 mA,
3
µs
Fall Time
*2
tf
RL = 100
5
*1 CTR rank
L : 200 to 400 (%)
M : 80 to 240 (%)
D : 100 to 300 (%)
H : 80 to 160 (%)
W : 130 to 260 (%)
N : 80 to 400 (%)
*2 Test circuit for switching time
VCC
VOUT
RL = 100
50
IF
µ
Pulse Input
PW = 100 s
Duty Cycle = 1/10


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
KB814 GENERAL PURPOSE HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE PHOTOCOUPLER SERIES 1  2  3  4  5  More Kingbright Corporation
LTV-819 High Density Mounting Type Photocoupler 1  2  3  4  5  Lite-On Technology Corporation
PC8D52 High Collector-emitter Voltage Type Photocouplers 1  2  3  4  5  Sharp Electrionic Components
M160UFGHT High Voltage Rectifier - Axial Lead 1  2  Voltage Multipliers Inc.
M180UFG HIGH VOLTAGE RECTIFIER 1  Voltage Multipliers Inc.
H11G1X HIGH VOLTAGE DARLINGTON OUTPUT OPTICALLY COUPLED ISOLATOR 1  2  3  ISOCOM COMPONENTS
STTH3006 Turbo 2 ultrafast high voltage rectifier 1  2  3  4  5  More STMicroelectronics
ECKD3G101MDU High Voltage Ceramic Disc Capacitors Rated 4 to 15 kVDC Temp. Char. Y5T 1  2  Panasonic Semiconductor
BUF642 Silicon NPN High Voltage Switching Transistor 1  2  3  4  5  More Vishay Siliconix
AQY210HL GU General Use Type 1-Channel Form A Current Limit Function 4-Pin Type 1  2  3  Nais(Matsushita Electric Works)

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn