Moteur de recherche de fiches techniques de composants électroniques |
|
2SA1646 Fiches technique(PDF) 1 Page - Quanzhou Jinmei Electronic Co.,Ltd. |
|
2SA1646 Fiches technique(HTML) 1 Page - Quanzhou Jinmei Electronic Co.,Ltd. |
1 / 3 page JMnic Product Specification Silicon PNP Power Transistors 2SA1646 DESCRIPTION ・With TO-220 package ・Fast switching speed ・Low collector saturation voltage APPLICATIONS ・For use in switching power supplies,DC-DC converters,motor drivers,solenoid drivers, and other low-voltage power supply devices, as well as for high current switching PINNING PIN DESCRIPTION 1 Emitter 2 Collector;connected to mounting base 3 Base Absolute maximum ratings(Ta=25℃) SYMBOL PARAMETER CONDITIONS VALUE UNIT VCBO Collector-base voltage Open emitter -150 V VCEO Collector-emitter voltage Open base -100 V VEBO Emitter-base voltage Open collector -7 V IC Collector current -10 A ICM Collector current-peak PW≤300μs, duty cycle≤10% -20 A IB Base current -6 A Ta=25℃ 1.5 PT Total power dissipation TC=25℃ 40 W Tj Junction temperature 150 ℃ Tstg Storage temperature -55~150 ℃ Fig.1 simplified outline (TO-220) and symbol |
Numéro de pièce similaire - 2SA1646 |
|
Description similaire - 2SA1646 |