Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OPTA01 Fiches technique(PDF) 1 Page - Agilent(Hewlett-Packard)

No de pièce OPTA01
Description  Programmable Bar Code Decode ICs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HP [Agilent(Hewlett-Packard)]
Site Internet  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

OPTA01 Fiches technique(HTML) 1 Page - Agilent(Hewlett-Packard)

  OPTA01 Datasheet HTML 1Page - Agilent(Hewlett-Packard) OPTA01 Datasheet HTML 2Page - Agilent(Hewlett-Packard) OPTA01 Datasheet HTML 3Page - Agilent(Hewlett-Packard) OPTA01 Datasheet HTML 4Page - Agilent(Hewlett-Packard) OPTA01 Datasheet HTML 5Page - Agilent(Hewlett-Packard) OPTA01 Datasheet HTML 6Page - Agilent(Hewlett-Packard) OPTA01 Datasheet HTML 7Page - Agilent(Hewlett-Packard) OPTA01 Datasheet HTML 8Page - Agilent(Hewlett-Packard) OPTA01 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
4-47
5965-5937E
H
Programmable
Bar Code Decode ICs
Technical Data
HBCR-2210
HBCR-2211
Description
Hewlett-Packard’s Bar Code
Decoder ICs offer flexible bar
code decoding capability that is
designed to give OEMs the ability
to address a growing number of
industry segments and applica-
tions. Flexibility is made possible
through sophisticated firmware
which allows the ICs to accept
data from a wide variety of
scanners and to automatically
recognize and decode the most
popular bar code symbologies.
User implementation of the
decoder ICs is easy since it
requires only a few supporting
components and provides a
standard I/O interface.
Manufacturers of data collection
terminals, point of sale terminals,
keyboards, weighing scales,
medical equipment, test instru-
mentation, material handling
equipment, and other systems
having data collection needs are
finding a growing demand for bar
code reading capability in their
products. The HBCR-2210 series
decode ICs make it easy to add
this capability without the need to
Features
• Ideal for Hand Scanning and
Non-contact Laser Scanning
Applications
• Supports 7 Industry
Standard Bar Code
Symbologies
• Automatic Code Recognition
• Choice of Parallel or Serial
Interface
• Full Duplex ASCII Interface
• Extensive Configuration
Control
• Optical and Escape
Sequence Configuration
• Input and Output Buffering
• Low Current (18 mA) CMOS
Technology
• 40 Pin DIP and 44 Pin PLCC
Packages
• Audio and Visual Feedback
Control
• EEPROM Support for
Nonvolatile Configuration
• Single +5 Volt Supply
invest in the development of bar
code decoding software.
The bar code decoder ICs are
compatible with most hand held
scanners and some medium
speed machine mounted laser
heads. The HBCR-2210 series is
compatible with fixed beam non-
contact scanners, digital wands,
and slot readers. In addition, the
decoder is optimized for use with
the Symbol Technologies moving
beam laser scanners, but is also
compatible with many other
moving beam non-contact laser
scanners with a similar interface
protocol.
The HBCR-2210 series decoder
ICs are excellent decoding solu


Numéro de pièce similaire - OPTA01

FabricantNo de pièceFiches techniqueDescription
logo
Aeroflex Circuit Techno...
OPTAN250H AEROFLEX-OPTAN250H Datasheet
1Mb / 8P
   High Performance UVC LEDs for Instrumentation
OPTANSMD AEROFLEX-OPTANSMD Datasheet
665Kb / 5P
   WIDE RADIATION PATTERN WITH A VIEWING ANGLE OF 100
More results

Description similaire - OPTA01

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
HBCR-1610 HP-HBCR-1610 Datasheet
196Kb / 10P
   Single Chip Bar Code Decode IC
logo
SICK AG
CLV631-3000 SICK-CLV631-3000 Datasheet
470Kb / 7P
   BAR CODE SCANNERS
CLV631-2000 SICK-CLV631-2000 Datasheet
470Kb / 7P
   BAR CODE SCANNERS
CLV630-1120 SICK-CLV630-1120 Datasheet
658Kb / 7P
   BAR CODE SCANNERS
CLV640-3000 SICK-CLV640-3000 Datasheet
473Kb / 7P
   BAR CODE SCANNERS
CLV640-2000 SICK-CLV640-2000 Datasheet
473Kb / 7P
   BAR CODE SCANNERS
CLP100-0010 SICK-CLP100-0010 Datasheet
208Kb / 4P
   BAR CODE SCANNERS
CLV412-2010 SICK-CLV412-2010 Datasheet
573Kb / 6P
   BAR CODE SCANNERS
CLV480-0010 SICK-CLV480-0010 Datasheet
820Kb / 6P
   BAR CODE SCANNERS
CLV490-0010 SICK-CLV490-0010 Datasheet
807Kb / 6P
   BAR CODE SCANNERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com