Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST114045 Fiches technique(PDF) 1 Page - E-SWITCH

No de pièce ST114045
Description  ALL DIMENSIONS IN MM [INCH]
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  E-SWITCH [E-SWITCH]
Site Internet  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

ST114045 Fiches technique(HTML) 1 Page - E-SWITCH

  ST114045 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISOMETRIC
ISOMETRIC
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
100SP4T8B13VS2REH
2:1
10/31/2005
ST114045
C
PH
1
1
PANEL MOUNTING
WITH LOCKING RING
WITHOUT LOCKING RING
11.38
[.448 in]
A
15459
RELEASED FOR PRODUCTION
10/31/05
PH
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. PLATING MATERIAL: GOLD
5. RATING: 0.4 (VA) Max. @20V AC OR DC Max.
6. ELECTRIC LIFE: 40,000 make-and-break cycles
at full load.
7. INSULATION RESISTANCE: 1,000 Mega-ohm min.
8. DIELECTRIC STRENGTH: 1,000 V RMS @sea level.
9. OPERATING TEMP.: -30°C to 85°C
10. 2002/95/EC (ROHS) COMPLIANT
11.
DENOTES CRITICAL PARAMETER.
12. HARDWARE TO BE SHIPPED BULK:
T100012-LOCK WASHER QTY-1
T100003-LOCK RING
QTY-1
T100004-HEX NUT
QTY-2
POS. 1
POS. 2
POS. 3
SWITCH FUNCTION
OFF
(ON)
(ON)
2-3
OPEN
2-1
2
13
CIRCUIT: SPDT
25
~
POS. 1
POS. 3
POS. 2
E-SWITCH
MARKING ON
OPPOSITE SIDE
1
2
3
3
12.70
[.500 in]
(ON)=MOMENTARY
4.70
[.185 in]
n1.85
[.073 in]
P.C. MOUNTING
18.00
[.709 in]
6.09
[.240 in]
15/32-32 UNS-2A
THREADS
EPOXY SEAL
.51
[.020 in]
4.70
[.185 in]
4.70
[.185 in]
.76
[.030 in]
15.75
[.620 in]
3.18
[.125 in]
1.22
[.048 in]
1.27
[.050 in]
11.68
[.460 in]
4.70
[.185 in]
15.75
[.620 in]
3.18
[.125 in]
8.13
[.320 in]
.51
[.020 in]
B
19444
CORRECT ACTUATOR DIM & FUNC. TABLE
11/16/10
BMA
B
B
C
C
20177
CORRECT HARDWARE NOTE: 12
9/23/11
BGL
n11.91
[.469 in]
n3.81
[.150 in]
9.60
[.378 in]
n11.91
[.469 in]
.79
[.031 in]


Numéro de pièce similaire - ST114045

FabricantNo de pièceFiches techniqueDescription
logo
E-SWITCH
ST114041 E-SWITCH-ST114041 Datasheet
129Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
ST114042 E-SWITCH-ST114042 Datasheet
127Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
ST114043 E-SWITCH-ST114043 Datasheet
389Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
ST114048 E-SWITCH-ST114048 Datasheet
214Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
ST114049 E-SWITCH-ST114049 Datasheet
148Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results

Description similaire - ST114045

FabricantNo de pièceFiches techniqueDescription
logo
E-SWITCH
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401009 E-SWITCH-B401009 Datasheet
203Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B410001 E-SWITCH-B410001 Datasheet
197Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M300001 E-SWITCH-M300001 Datasheet
34Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M302431 E-SWITCH-M302431 Datasheet
176Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304204 E-SWITCH-M304204 Datasheet
33Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304211 E-SWITCH-M304211 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304212 E-SWITCH-M304212 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M305213 E-SWITCH-M305213 Datasheet
141Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com