Moteur de recherche de fiches techniques de composants électroniques |
|
HCPL-2502-300 Fiches technique(PDF) 2 Page - Agilent(Hewlett-Packard) |
|
HCPL-2502-300 Fiches technique(HTML) 2 Page - Agilent(Hewlett-Packard) |
2 / 16 page 2 IF SHIELD HCPL-4503/0453 HCNW4503 8 6 5 GND VCC 2 3 VO ICC VF IO ANODE CATHODE + – 7 VB IB * * NOTE: FOR HCPL-4502/-3, HCPL-0452/3, HCNW4502/3, PIN 7 IS NOT CONNECTED. Ordering Information Specify Part Number followed by Option Number (if desired). Example: HCPL-4503#XXXX 020 = UL 5000 V rms/1 Minute Option* 060 = IEC/EN/DIN EN 60747-5-2 VIORM = 630 V peak Option** 300 = Gull Wing Surface Mount Option† 500 = Tape and Reel Packaging Option XXXE = Lead Free Option Option data sheets available. Contact your Agilent sales representative or authorized distributor for information. *For 6N135/6 and HCPL-4502/3 only. **For HCPL-4503 only. Combination of Option 020 and Option 060 is not available. †Gull wing surface mount option applies to through hole parts only. Schematic Selection Guide Widebody Minimum CMR 8-Pin DIP (300 Mil) Small-Outline SO-8 (400 Mil) Hermetic Current Single Dual Single Dual Single Single and dV/dt VCM Transfer Channel Channel Channel Channel Channel Dual Channel (V/ µs) (V) Ratio (%) Package Package* Package Package* Package Packages* 1,000 10 7 6N135 HCPL-2530 HCPL-0500 HCPL-0530 HCNW135 19 6N136 HCPL-2531 HCPL-0501 HCPL-0531 HCNW136 HCPL-4502† HCPL-0452† HCNW4502† 15 HCPL-2502 15,000 1500 19 HCPL-4503† HCPL-4534 HCPL-0453† HCPL-0534 HCNW4503† 1,000 10 9 HCPL-55XX HCPL-65XX 4N55 *Technical data for these products are on separate Agilent publications. †Pin 7, transistor base, is not connected. output current for 1 TTL load and a 5.6 k Ω pull-up resistor. CTR for these devices is 19% minimum at IF = 16 mA. The HCPL-4502, HCPL-0452, and HCNW4502 provide the electrical and switching performance of the 6N136, HCPL-0501, and HCNW136 with increased ESD protection. The HCPL-4503, HCPL-0453, and HCNW4503 are similar to the HCPL-4502, HCPL-0452, and HCNW4502 optocouplers but have increased common mode transient immunity of 15 kV/ µs minimum at VCM = 1500 V guaranteed. These single channel optocoup- lers are available in 8-Pin DIP, SO-8 and Widebody package configurations. The 6N135, HCPL-0500, and HCNW135 are for use in TTL/ CMOS, TTL/LSTTL or wide bandwidth analog applications. Current transfer ratio (CTR) for these devices is 7% minimum at IF = 16 mA. The 6N136, HCPL-2502, HCPL-0501, and HCNW136 are designed for high speed TTL/TTL applications. A standard 16 mA TTL sink current through the input LED will provide enough Remarks: The notation “#” is used for existing products, while (new) products launched since 15th July 2001 and lead free option will use “-” |
Numéro de pièce similaire - HCPL-2502-300 |
|
Description similaire - HCPL-2502-300 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |