Moteur de recherche de fiches techniques de composants électroniques |
|
HCPL-2502 Fiches technique(PDF) 11 Page - Agilent(Hewlett-Packard) |
|
HCPL-2502 Fiches technique(HTML) 11 Page - Agilent(Hewlett-Packard) |
11 / 16 page 11 Package Characteristics Over recommended temperature (TA = 0°C to 70°C) unless otherwise specified. Parameter Sym. Device Min. Typ.* Max. Units Test Conditions Fig. Note Input-Output VISO 8-Pin DIP 3750 V rms RH < 50%, 6, 14 Momentary SO-8 t = 1 min., Withstand TA = 25°C Voltage** 8-Pin DIP 5000 6, 12, (Option 020) 15 II-O 8-Pin DIP 1 µA 45% RH, t = 5 s, 6, 16 VI-O = 3 kVdc, TA = 25°C Input-Output RI-O 8-Pin DIP 1012 Ω VI-O = 500 Vdc 6 Resistance SO-8 Widebody 1012 1013 TA = 25°C 1011 TA = 100°C Input-Output CI-O 8-Pin DIP 0.6 pF f = 1 MHz 6 Capacitance SO-8 Widebody 0.5 0.6 *All typicals at TA = 25°C. **The Input-Output Momentary Withstand Voltage is a dielectric voltage rating that should not be interpreted as an input-output continuous voltage rating. For the continuous voltage rating refer to the IEC/EN/DIN EN 60747-5-2 Insulation Related Characteristics Table (if applicable), your equipment level safety specification or Agilent Application Note 1074 entitled “Optocoupler Input-Output Endurance Voltage,” publication number 5963-2203E. Widebody 5000 Notes: 1. Derate linearly above 70 °C free-air temperature at a rate of 0.8 mA/°C (8-Pin DIP). Derate linearly above 85 °C free-air temperature at a rate of 0.5 mA/°C (SO-8). 2. Derate linearly above 70 °C free-air temperature at a rate of 1.6 mA/°C (8-Pin DIP). Derate linearly above 85 °C free-air temperature at a rate of 1.0 mA/°C (SO-8). 3. Derate linearly above 70 °C free-air temperature at a rate of 0.9 mW/°C (8-Pin DIP). Derate linearly above 85 °C free-air temperature at a rate of 1.1 mW/°C (SO-8). 4. Derate linearly above 70 °C free-air temperature at a rate of 2.0 mW/°C (8-Pin DIP). Derate linearly above 85 °C free-air temperature at a rate of 2.3 mW/°C (SO-8). 5. CURRENT TRANSFER RATIO in percent is defined as the ratio of output collector current, IO, to the forward LED input current, IF, times 100. 6. Device considered a two-terminal device: Pins 1, 2, 3, and 4 shorted together and Pins 5, 6, 7, and 8 shorted together. 7. Common mode transient immunity in a Logic High level is the maximum tolerable (positive) dVCM/dt on the leading edge of the common mode pulse signal, VCM, to assure that the output will remain in a Logic High state (i.e., VO > 2.0 V). Common mode transient immunity in a Logic Low level is the maximum tolerable (negative) dVCM/dt on the trailing edge of the common mode pulse signal, VCM, to assure that the output will remain in a Logic Low state (i.e., VO < 0.8 V). 8. The 1.9 k Ω load represents 1 TTL unit load of 1.6 mA and the 5.6 kΩ pull-up resistor. 9. The 4.1 k Ω load represents 1 LSTTL unit load of 0.36 mA and 6.1 kΩ pull-up resistor. 10. The frequency at which the ac output voltage is 3 dB below its mid-frequency value. 11. The JEDEC registration for the 6N136 specifies a minimum CTR of 15%. Agilent guarantees a minimum CTR of 19%. 12. See Option 020 data sheet for more information. 13. Use of a 0.1 µf bypass capacitor connected between pins 5 and 8 is recommended. 14. In accordance with UL 1577, each optocoupler is proof tested by applying an insulation test voltage ≥ 4500 V rms for 1 second (leakage detection current limit, II-O ≤ 5 µA). This test is performed before the 100% Production test shown in the IEC/EN/DIN EN 60747-5-2 Insulation Related Characteristics Table if applicable. 15. In accordance with UL 1577, each optocoupler is proof tested by applying an insulation test voltage ≥ 6000 V rms for 1 second (leakage detection current limit, II-O ≤ 5 µA). This test is performed before the 100% Production test shown in the IEC/EN/DIN EN 60747-5-2 Insulation Related Characteristics Table if applicable. 16. This rating is equally validated by an equivalent ac proof test. 6, 15 |
Numéro de pièce similaire - HCPL-2502 |
|
Description similaire - HCPL-2502 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |