Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXA-P20L-L Fiches technique(PDF) 3 Page - TDK Electronics

No de pièce CXA-P20L-L
Description  PRODUCT DRAWING
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TDK [TDK Electronics]
Site Internet  http://www.tdk.com
Logo TDK - TDK Electronics

CXA-P20L-L Fiches technique(HTML) 3 Page - TDK Electronics

  CXA-P20L-L Datasheet HTML 1Page - TDK Electronics CXA-P20L-L Datasheet HTML 2Page - TDK Electronics CXA-P20L-L Datasheet HTML 3Page - TDK Electronics CXA-P20L-L Datasheet HTML 4Page - TDK Electronics CXA-P20L-L Datasheet HTML 5Page - TDK Electronics CXA-P20L-L Datasheet HTML 6Page - TDK Electronics CXA-P20L-L Datasheet HTML 7Page - TDK Electronics CXA-P20L-L Datasheet HTML 8Page - TDK Electronics CXA-P20L-L Datasheet HTML 9Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
No.
MATERIALS NAME
MATERIAL
REMARK
PRODUCT NAME or MODEL,TITLE
DC-AC INVERTER CXA-P20L-L
PAGE
NAME OF DRAWING
DRAWING No.
PRODUCT DRAWING
TSB-08-01-05(00) form-6(A4)
TDK CORPORATION
QU
7100203-1
CTR-0879-B
[1] Outline
1-1. Outline
1-2. Connector configuration
2
Label (Examlpe)
TDK part No, Date code, Country of origin
(Tin plated obstinate copper wire)
5- 0.8±0.1 or 5-
0.64±0.07
30mm
a:High Voltage generation area
(TOP VIEW)
GND
R1 R2
C1
J2
J1
T1
OUT
VIN
OUT2
GND
B
E
Q1
C
OUT1
CXA-P20L-L
JAPAN
54 R
(1)
(2)
(3)
29MAX
10.16
10.16
±0.2
±0.2
24±0.2
0.5±0.2
2-R1±0.1
(BOTTOM VIEW)
(5)
(4)
jumper
(SIDE VIEW)
φ
Unit:mm
Weight:20.8g.typ.
*Please secure the air clearance of 2mm or more from the high voltage generation areaup and down and right and left.
  Please refer to Note1-4. for details.
・The specifications may be changed without any notice.
・When placing orders,
please confirm "Specifications" or "Product Drawing" through TDK sal es or distributors.
●Features●
・This inverter is for one or two lamps. (changed by the connection.)
・This inverter is the mount board.
・This product is conformity t o RoHS directive.*
* : Conformity to RoHS Directive:This means that, in conf ormity with EU Directive 2002/95/EC,
lead, cadmium, hexavalent chromium, and specific b romine-based flame retardants, PBB
and PBDE, have not been used,except for exemptedapplications.
Pin No.
Symbols
Rating
Notes
Connection
Vin
GND
OUT1
OUT2
OUT GND
12V
0V
300Vrms/10mArms
0V
300Vrms/10mArms
(1)
(2)
(3)
(4)
(5)


Numéro de pièce similaire - CXA-P20L-L

FabricantNo de pièceFiches techniqueDescription
logo
Power Systems GmbH+Co.K...
CXA-P1012-NJL POWER-SYSTEMS-CXA-P1012-NJL Datasheet
158Kb / 4P
   DC-AC INVERTER UNIT 9.0W DUAL OUTPUTS
logo
TDK Electronics
CXA-P1012B-NJL TDK-CXA-P1012B-NJL Datasheet
206Kb / 9P
   DC/AC INVERTER UNIT
CXA-P10A-P TDK-CXA-P10A-P Datasheet
46Kb / 4P
   On-board type, Non-dimming, 9W, For 1 and 2 bulbs
CXA-P10L-P TDK-CXA-P10L-P Datasheet
46Kb / 4P
   On-board type, Non-dimming, 9W, For 1 and 2 bulbs
CXA-P10M-P TDK-CXA-P10M-P Datasheet
46Kb / 4P
   On-board type, Non-dimming, 9W, For 1 and 2 bulbs
More results

Description similaire - CXA-P20L-L

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
022292041_SD MOLEX-022292041_SD Datasheet
266Kb / 4P
   PRODUCT CUSTOMER DRAWING
2005/03/11
logo
Tyco Electronics
T7NS5D1-12 MACOM-T7NS5D1-12 Datasheet
122Kb / 2P
   T7NS5D1-03 PRODUCT DRAWING
2-1393186-0 MACOM-2-1393186-0 Datasheet
122Kb / 2P
   T7NS5D1-03 PRODUCT DRAWING
T7NS5D1-24 MACOM-T7NS5D1-24 Datasheet
122Kb / 2P
   T7NS5D1-03 PRODUCT DRAWING
logo
Shanghai Leiditech Elec...
SMD0805P200TF LEIDITECH-SMD0805P200TF Datasheet
532Kb / 1P
   Product Dimensions % Outline Drawing % marking
logo
TE Connectivity Ltd
108-1979 TEC-108-1979 Datasheet
266Kb / 5P
   Product shall be of the design, construction and physical dimensions specified on the applicable product drawing.
logo
Renesas Technology Corp
QB-64FA-EA-02T RENESAS-QB-64FA-EA-02T Datasheet
187Kb / 1P
   Drawing
QB-80FA-EA-02T RENESAS-QB-80FA-EA-02T Datasheet
198Kb / 1P
   Drawing
QB-80FB-EA-07T RENESAS-QB-80FB-EA-07T Datasheet
185Kb / 1P
   Drawing
QB-64FB-EA-05T RENESAS-QB-64FB-EA-05T Datasheet
206Kb / 1P
   Drawing
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com