Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PF0121 Fiches technique(PDF) 1 Page - Hitachi Semiconductor

No de pièce PF0121
Description  MOS FET Power Amplifier Module for GSM Mobile Phone
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HITACHI [Hitachi Semiconductor]
Site Internet  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

PF0121 Fiches technique(HTML) 1 Page - Hitachi Semiconductor

  PF0121 Datasheet HTML 1Page - Hitachi Semiconductor PF0121 Datasheet HTML 2Page - Hitachi Semiconductor PF0121 Datasheet HTML 3Page - Hitachi Semiconductor PF0121 Datasheet HTML 4Page - Hitachi Semiconductor PF0121 Datasheet HTML 5Page - Hitachi Semiconductor PF0121 Datasheet HTML 6Page - Hitachi Semiconductor PF0121 Datasheet HTML 7Page - Hitachi Semiconductor PF0121 Datasheet HTML 8Page - Hitachi Semiconductor PF0121 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
PF0121
MOS FET Power Amplifier Module for GSM Mobile Phone
ADE-208-097A (Z)
2nd Edition
July 1996
Application
For GSM CLASS2 890 to 915 MHz
Features
• Low power control current: 0.9 mA Typ
• High speed switching: 1.5 µsec Typ
• Wide power control range: 100 dB Typ
Pin Arrangement
1
2
3
4
5
5
1: Pin
2: VAPC
3: VDD
4: Pout
5: GND
• RF-B2


Numéro de pièce similaire - PF0121

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
PF0100 NXP-PF0100 Datasheet
242Kb / 3P
   POWER MANAGEMENT INTEGRATED CIRCUITS (PMICS)
REV 8
PF0100Z NXP-PF0100Z Datasheet
1Mb / 128P
   14 channel configurable power management integrated circuit
Rev. 13.0, 5/2023
logo
C&K Components
PF011UEBM03K22 CK-COMPONENTS-PF011UEBM03K22 Datasheet
202Kb / 4P
   5 Tumbler Miniature Snap-in Switchlocks
logo
ITT Industries
PF011UEBM03KB22 ITT-PF011UEBM03KB22 Datasheet
282Kb / 4P
   5 Tumbler Miniature Snap-in Switchlocks
PF011UEBM03KQ22 ITT-PF011UEBM03KQ22 Datasheet
282Kb / 4P
   5 Tumbler Miniature Snap-in Switchlocks
More results

Description similaire - PF0121

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
PF0031 HITACHI-PF0031 Datasheet
55Kb / 13P
   MOS FET Power Amplifier Module for Mobile Phone
PF01410A HITACHI-PF01410A Datasheet
25Kb / 4P
   MOS FET Power Amplifier Module for GSM Handy Phone
PF0210 HITACHI-PF0210 Datasheet
47Kb / 12P
   MOS FET Power Amplifier Module for ADC Mobile Phone
PF01411A HITACHI-PF01411A Datasheet
25Kb / 4P
   MOS FET Power Amplifier Module for E-GSM Handy Phone
PF01411B HITACHI-PF01411B Datasheet
26Kb / 4P
   MOS FET Power Amplifier Module for E-GSM Handy Phone
PF01412A HITACHI-PF01412A Datasheet
25Kb / 4P
   MOS FET Power Amplifier Module for E-GSM Handy Phone
logo
Renesas Technology Corp
PF08109B RENESAS-PF08109B Datasheet
249Kb / 25P
   MOS FET Power Amplifier Module for E-GSM and DCS1800 Dual Band Handy Phone
logo
Hitachi Semiconductor
PF00105A HITACHI-PF00105A Datasheet
62Kb / 11P
   MOS FET Power Amplifier Module for AMPS Handy Phone
logo
Fujitsu Component Limit...
MB3891 FUJITSU-MB3891 Datasheet
446Kb / 29P
   Power Management IC for GSM Mobile Phone
logo
Renesas Technology Corp
E2081606_PF08127B RENESAS-E2081606_PF08127B Datasheet
183Kb / 16P
   MOS FET Power Amplifier Module for E-GSM and DCS1800/1900 Triple Band Handy Phone
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com