Moteur de recherche de fiches techniques de composants électroniques |
|
SMBG6.5 Fiches technique(PDF) 2 Page - Microsemi Corporation |
|
SMBG6.5 Fiches technique(HTML) 2 Page - Microsemi Corporation |
2 / 4 page SURFACE MOUNT 600 Watt Transient Voltage Suppressor S C O T TS DALE DIVISION SMBJ5.0 thru SMBJ170A, CA, e3 and SMBG5.0 thru SMBG170A, CA, e3 ELECTRICAL CHARACTERISTICS @ 25oC MICROSEMI PART NUMBER BREAKDOWN VOLTAGE V(BR) @ I(BR) Volts GULL-WING LEAD MODIFIED “J” BEND LEAD REVERSE STAND-OFF VOLTAGE VWM Volts MIN. MAX. I(BR) mA MAXIMUM CLAMPING VOLTAGE @ IPP Volts PEAK PULSE CURRENT (See Fig. 2) IPP Amps MAXIMUM STANDBY CURRENT @ VWM ID μA SMBG5.0 SMBG5.0A SMBG6.0 SMBG6.0A SMBJ5.0 SMBJ5.0A SMBJ6.0 SMBJ6.0A 5.0 5.0 6.0 6.0 6.40 – 7.30 6.40 – 7.00 6.67 – 8.15 6.67 – 7.37 10 10 10 10 9.6 9.2 11.4 10.3 62.5 65.2 52.6 58.3 800 800 800 800 SMBG6.5 SMBG6.5A SMBG7.0 SMBG7.0A SMBJ6.5 SMBJ6.5A SMBJ7.0 SMBJ7.0A 6.5 6.5 7.0 7.0 7.22 – 8.82 7.22 – 7.98 7.78 – 9.51 7.78 – 8.60 10 10 10 10 12.3 11.2 13.3 12.0 48.7 53.6 45.1 50.0 500 500 200 200 SMBG7.5 SMBG7.5A SMBG8.0 SMBG8.0A SMBJ7.5 SMBJ7.5A SMBJ8.0 SMBJ8.0A 7.5 7.5 8.0 8.0 8.33 – 10.2 8.33 – 9.21 8.89 – 10.9 8.89 – 9.83 1 1 1 1 14.3 12.9 15.0 13.6 42.0 46.5 40.0 44.1 100 100 50 50 SMBG8.5 SMBG8.5A SMBG9.0 SMBG9.0A SMBJ8.5 SMBJ8.5A SMBJ9.0 SMBJ9.0A 8.5 8.5 9.0 9.0 9.44 – 11.5 9.44 – 10.4 10.0 – 12.2 10.0 – 11.1 1 1 1 1 15.9 14.4 16.9 15.4 37.7 41.7 35.5 39.0 10 10 5 5 SMBG10 SMBG10A SMBG11 SMBG11A SMBJ10 SMBJ10A SMBJ11 SMBJ11A 10 10 11 11 11.1 – 13.6 11.1 – 12.3 12.2 – 14.9 12.2 – 13.5 1 1 1 1 18.8 17.0 20.1 18.2 31.9 35.3 29.9 33.0 5 5 5 5 SMBG12 SMBG12A SMBG13 SMBG13A SMBJ12 SMBJ12A SMBJ13 SMBJ13A 12 12 13 13 13.3 – 16.3 13.3 – 14.7 14.4 – 17.6 14.4 – 15.9 1 1 1 1 22.0 19.9 23.8 21.5 27.3 30.2 25.2 27.9 5 5 1 1 SMBG14 SMBG14A SMBG15 SMBG15A SMBJ14 SMBJ14A SMBJ15 SMBJ15A 14 14 15 15 15.6 – 19.1 15.6 – 17.2 16.7 – 20.4 16.7 – 18.5 1 1 1 1 25.8 23.2 26.9 24.4 23.3 25.8 22.3 24.0 1 1 1 1 SMBG16 SMBG16A SMBG17 SMBG17A SMBJ16 SMBJ16A SMBJ17 SMBJ17A 16 16 17 17 17.8 – 21.8 17.8 – 19.7 18.9 – 23.1 18.9 – 20.9 1 1 1 1 28.8 26.0 30.5 27.6 20.8 23.1 19.7 21.7 1 1 1 1 SMBG18 SMBG18A SMBG20 SMBG20A SMBJ18 SMBJ18A SMBJ20 SMBJ20A 18 18 20 20 20.0 – 24.4 20.0 – 22.1 22.2 – 27.1 22.2 – 24.5 1 1 1 1 32.2 29.2 35.8 32.4 18.6 20.5 16.7 18.5 1 1 1 1 SMBG22 SMBG22A SMBG24 SMBG24A SMBJ22 SMBJ22A SMBJ24 SMBJ24A 22 22 24 24 24.4 – 29.8 24.4 – 26.9 26.7 – 32.6 26.7 – 29.5 1 1 1 1 39.4 35.5 43.0 38.9 15.2 16.9 14.0 15.4 1 1 1 1 SMBG26 SMBG26A SMBG28 SMBG28A SMBJ26 SMBJ26A SMBJ28 SMBJ28A 26 26 28 28 28.9 – 35.3 28.9 – 31.9 31.1 – 38.0 31.1 – 34.4 1 1 1 1 46.6 42.1 50.0 45.4 12.4 14.2 12.0 13.2 1 1 1 1 SMBG30 SMBG30A SMBG33 SMBG33A SMBJ30 SMBJ30A SMBJ33 SMBJ33A 30 30 33 33 33.3 – 40.7 33.3 – 36.8 36.7 – 44.9 36.7 – 40.6 1 1 1 1 53.5 48.4 59.0 53.3 11.2 12.4 10.2 11.3 1 1 1 1 SMBG36 SMBG36A SMBG40 SMBG40A SMBJ36 SMBJ36A SMBJ40 SMBJ40A 36 36 40 40 40.0 – 48.9 40.0 – 44.2 44.4 – 54.3 44.4 – 49.1 1 1 1 1 64.3 58.1 71.4 64.5 9.3 10.3 8.4 9.3 1 1 1 1 SMBG43 SMBG43A SMBG45 SMBG45A SMBJ43 SMBJ43A SMBJ45 SMBJ45A 43 43 45 45 47.8 – 58.4 47.8 – 52.8 50.0 – 61.1 50.0 – 55.3 1 1 1 1 76.7 69.4 80.3 72.7 7.8 8.6 7.5 8.3 1 1 1 1 Microsemi Scottsdale Division Page 2 Copyright © 2009 SA3-37, REV J, 5-24-2009 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503 |
Numéro de pièce similaire - SMBG6.5 |
|
Description similaire - SMBG6.5 |