Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HSM88WA Fiches technique(PDF) 2 Page - Hitachi Semiconductor

No de pièce HSM88WA
Description  Silicon Schottky Barrier Diode for Balanced Mixer
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HITACHI [Hitachi Semiconductor]
Site Internet  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HSM88WA Fiches technique(HTML) 2 Page - Hitachi Semiconductor

  HSM88WA Datasheet HTML 1Page - Hitachi Semiconductor HSM88WA Datasheet HTML 2Page - Hitachi Semiconductor HSM88WA Datasheet HTML 3Page - Hitachi Semiconductor HSM88WA Datasheet HTML 4Page - Hitachi Semiconductor HSM88WA Datasheet HTML 5Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
HSM88WA
2
Absolute Maximum Ratings (Ta = 25
°C)
Item
Symbol
Value
Unit
Reverse voltage
V
R
10
V
Average rectified current
I
O
15
mA
Junction temperature
Tj
125
°C
Storage temperature
Tstg
–55 to +125
°C
Electrical Characteristics (Ta = 25
°C)
Item
Symbol
Min
Typ
Max
Unit
Test Condition
Forward voltage
V
F1
350
420
mV
I
F = 1 mA
V
F2
500
580
I
F = 10 mA
Reverse current
I
R1
0.2
µAV
R = 2V
I
R2
——10
V
R = 10V
Capacitance
C
0.85
pF
V
R = 0V, f = 1 MHz
Capacitance deviation
∆C
0.10
pF
V
R = 0V, f = 1 MHz
Forward voltage deviation
∆V
F
——10
mV
I
F = 10 mA
ESD-Capability
*1
Å\
30
V
C=200pF , Both forward and reverse
direction 1 pulse.
Notes
1. Failure criterion ; IR
≥ 400nA at VR =2 V


Numéro de pièce similaire - HSM88WA

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
HSM88WA RENESAS-HSM88WA Datasheet
64Kb / 5P
   Silicon Schottky Barrier Diode for Detector and Mixer
logo
Guangdong Kexin Industr...
HSM88WA KEXIN-HSM88WA Datasheet
34Kb / 1P
   Silicon Schottky Barrier Diode
More results

Description similaire - HSM88WA

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
HSB276AS HITACHI-HSB276AS Datasheet
23Kb / 5P
   Silicon Schottky Barrier Diode for Balanced Mixer
logo
Renesas Technology Corp
HSM276ASR RENESAS-HSM276ASR Datasheet
141Kb / 5P
   Silicon Schottky Barrier Diode for Balanced Mixer
HSM276S RENESAS-HSM276S Datasheet
148Kb / 5P
   Silicon Schottky Barrier Diode for Balanced Mixer
HSB88WS RENESAS-HSB88WS Datasheet
79Kb / 5P
   Silicon Schottky Barrier Diode for Balanced Mixer
logo
Hitachi Semiconductor
HSM88AS HITACHI-HSM88AS Datasheet
28Kb / 5P
   Silicon Schottky Barrier Diode for Balanced Mixer
HSM88WK HITACHI-HSM88WK Datasheet
28Kb / 5P
   Silicon Schottky Barrier Diode for Balanced Mixer
logo
Renesas Technology Corp
HSB276AS RENESAS-HSB276AS Datasheet
149Kb / 5P
   Silicon Schottky Barrier Diode for Balanced Mixer
HSM88AS RENESAS-HSM88AS Datasheet
64Kb / 5P
   Silicon Schottky Barrier Diode for Balanced Mixer
HSM276AS RENESAS-HSM276AS Datasheet
148Kb / 5P
   Silicon Schottky Barrier Diode for Balanced Mixer
logo
Hitachi Semiconductor
HSB88WS HITACHI-HSB88WS Datasheet
39Kb / 5P
   Silicon Schottky Barrier Diode for Balanced Mixer
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com