Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HSK120 Fiches technique(PDF) 3 Page - Hitachi Semiconductor

No de pièce HSK120
Description  Silicon Epitaxial Planar Diode for High Speed Switching
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HITACHI [Hitachi Semiconductor]
Site Internet  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HSK120 Fiches technique(HTML) 3 Page - Hitachi Semiconductor

  HSK120 Datasheet HTML 1Page - Hitachi Semiconductor HSK120 Datasheet HTML 2Page - Hitachi Semiconductor HSK120 Datasheet HTML 3Page - Hitachi Semiconductor HSK120 Datasheet HTML 4Page - Hitachi Semiconductor HSK120 Datasheet HTML 5Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
HSK120
3
Main Characteristic
Fig.1 Forward current Vs. Forward voltage
Fig.2 Reverse current Vs. Reverse voltage
Fig.3 Capacitance Vs. Reverse voltage
Forward voltage V
(V)
F
0
0.2
0.8
10
10
-4
10
-3
-2
0.6
1.0
0.4
10
-1
1.2
Reverse voltage V (V)
R
020
80
10
10
-9
10
-8
-7
60
100
40
10
-6
10
-5
10
-4
Ta=25°C
Ta=75°C
Ta=125°C
Reverse voltage V (V)
R
1.0
10
2
10
1.0
10
-1
10
f=1MHz


Numéro de pièce similaire - HSK120

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
HSK120 RENESAS-HSK120 Datasheet
52Kb / 5P
   Silicon Epitaxial Planar Diode for High Speed Switching
More results

Description similaire - HSK120

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
1SS118 HITACHI-1SS118 Datasheet
17Kb / 5P
   Silicon Epitaxial Planar Diode for High Speed Switching
logo
Renesas Technology Corp
HSD119 RENESAS-HSD119 Datasheet
56Kb / 5P
   Silicon Epitaxial Planar Diode for High Speed Switching
logo
Hitachi Semiconductor
HSM2838C HITACHI-HSM2838C Datasheet
17Kb / 5P
   Silicon Epitaxial Planar Diode for High Speed Switching
HSB124S HITACHI-HSB124S Datasheet
23Kb / 5P
   Silicon Epitaxial Planar Diode for High Speed Switching
HSU119 HITACHI-HSU119 Datasheet
26Kb / 5P
   Silicon Epitaxial Planar Diode for High Speed Switching
logo
Renesas Technology Corp
HSM2836C RENESAS-HSM2836C Datasheet
148Kb / 5P
   Silicon Epitaxial Planar Diode for High Speed Switching
1S2074 RENESAS-1S2074 Datasheet
238Kb / 5P
   Silicon Epitaxial Planar Diode for High Speed Switching
1S2075 RENESAS-1S2075 Datasheet
144Kb / 5P
   Silicon Epitaxial Planar Diode for High Speed Switching
RKS100KG RENESAS-RKS100KG Datasheet
85Kb / 5P
   Silicon Epitaxial Planar Diode for High Speed Switching
HSM124S RENESAS-HSM124S Datasheet
65Kb / 5P
   Silicon Epitaxial Planar Diode for High Speed Switching
HSB124S RENESAS-HSB124S Datasheet
85Kb / 5P
   Silicon Epitaxial Planar Diode for High Speed Switching
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com