Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HSB83YP Fiches technique(PDF) 2 Page - Hitachi Semiconductor

No de pièce HSB83YP
Description  Silicon Epitaxial Planar Diode for High Voltage Switching
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HITACHI [Hitachi Semiconductor]
Site Internet  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HSB83YP Fiches technique(HTML) 2 Page - Hitachi Semiconductor

  HSB83YP Datasheet HTML 1Page - Hitachi Semiconductor HSB83YP Datasheet HTML 2Page - Hitachi Semiconductor HSB83YP Datasheet HTML 3Page - Hitachi Semiconductor HSB83YP Datasheet HTML 4Page - Hitachi Semiconductor HSB83YP Datasheet HTML 5Page - Hitachi Semiconductor HSB83YP Datasheet HTML 6Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
HSB83YP
2
Absolute Maximum Ratings (Ta = 25
°C) *2
Item
Symbol
Value
Unit
Peak reverse voltage
V
RM
300
V
Reverse voltage
V
R
250
V
Peak forward current
I
FM
300
mA
Non-Repetitive peak
forward surge current
I
FSM
*1
2A
Average rectified current
I
O
100
mA
Junction temperature
Tj
125
°C
Storage temperature
Tstg
-55Å`+125
°C
Note
1. Value at duration of 10msec.
Note
2. Two device total.
Electrical Characteristics (Ta = 25
°C) *1
Item
Symbol
Min
Typ
Max
Unit
Test Condition
Forward voltage
V
F
−−
1.2
V
I
F = 100 mA
Reverse current
I
R1
−−
0.2
µAV
R = 250V
I
R2
−−
100
V
R = 300V
Capacitance
C
−−
3.0
pF
V
R = 0V, f = 1 MHz
Reverse recovery
time
t
rr
−−
100
ns
I
F = IR =30 mA, Irr = 3mA, RL= 100Ω
Note
1. Per one device.


Numéro de pièce similaire - HSB83YP

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
HSB83YP RENESAS-HSB83YP Datasheet
85Kb / 5P
   Silicon Epitaxial Planar Diode for High Voltage Switching
More results

Description similaire - HSB83YP

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
HSS81 HITACHI-HSS81 Datasheet
26Kb / 6P
   Silicon Epitaxial Planar Diode for High Voltage Switching
logo
Renesas Technology Corp
RKH0160AKU RENESAS-RKH0160AKU Datasheet
84Kb / 8P
   Silicon Epitaxial Planar Diode for High Voltage Switching
HSS82 RENESAS-HSS82 Datasheet
144Kb / 5P
   Silicon Epitaxial Planar Diode for High Voltage Switching
HSK83 RENESAS-HSK83 Datasheet
52Kb / 5P
   Silicon Epitaxial Planar Diode for High Voltage Switching
1SS83 RENESAS-1SS83 Datasheet
140Kb / 5P
   Silicon Epitaxial Planar Diode for High Voltage Switching
logo
Hitachi Semiconductor
HSS82 HITACHI-HSS82 Datasheet
26Kb / 6P
   Silicon Epitaxial Planar Diode for High Voltage Switching
logo
Renesas Technology Corp
HSB83YP RENESAS-HSB83YP Datasheet
85Kb / 5P
   Silicon Epitaxial Planar Diode for High Voltage Switching
1SS81 RENESAS-1SS81 Datasheet
138Kb / 5P
   Silicon Epitaxial Planar Diode for High Voltage Switching
RKS101KG RENESAS-RKS101KG Datasheet
204Kb / 8P
   Silicon Epitaxial Planar Diode for High Voltage Switching
Nov 28, 2008
logo
Hitachi Semiconductor
1SS81 HITACHI-1SS81 Datasheet
26Kb / 6P
   Silicon Epitaxial Planar Diode for High Voltage Switching
logo
Renesas Technology Corp
RKH0145AKU RENESAS-RKH0145AKU Datasheet
81Kb / 6P
   Silicon Epitaxial Planar Diode for High Voltage Switching
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com