Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HN58X2408I Fiches technique(PDF) 4 Page - Hitachi Semiconductor

No de pièce HN58X2408I
Description  Two-wire serial interface 8k EEPROM (1-kword x 8-bit)/16k EEPROM (2-kword x 8-bit)/32k EEPROM (4-kword x 8-bit)/64k EEPROM(8-kword x 8-bit)
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HITACHI [Hitachi Semiconductor]
Site Internet  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HN58X2408I Fiches technique(HTML) 4 Page - Hitachi Semiconductor

  HN58X2408I Datasheet HTML 1Page - Hitachi Semiconductor HN58X2408I Datasheet HTML 2Page - Hitachi Semiconductor HN58X2408I Datasheet HTML 3Page - Hitachi Semiconductor HN58X2408I Datasheet HTML 4Page - Hitachi Semiconductor HN58X2408I Datasheet HTML 5Page - Hitachi Semiconductor HN58X2408I Datasheet HTML 6Page - Hitachi Semiconductor HN58X2408I Datasheet HTML 7Page - Hitachi Semiconductor HN58X2408I Datasheet HTML 8Page - Hitachi Semiconductor HN58X2408I Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
HN58X2408I/HN58X2416I/HN58X2432I/HN58X2464I
4
DC Operating Conditions
Parameter
Symbol
Min
Typ
Max
Unit
Supply voltage
V
CC
1.8
5.5
V
V
SS
000V
Input high voltage
V
IH
V
CC × 0.7
V
CC + 1.0
V
Input low voltage
V
IL
–0.3*
1
—V
CC × 0.3
V
Operating temperature
Topr
–40
85
˚C
Note:
1. V
IL (min):
–1.0 V for pulse width
≤ 50 ns.
DC Characteristics (Ta = –40 to +85˚C, V
CC = 1.8 V to 5.5 V)
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Input leakage current
I
LI
2.0
µAV
CC = 5.5 V, Vin = 0 to 5.5 V
Output leakage current
I
LO
2.0
µAV
CC = 5.5 V, Vout = 0 to 5.5 V
Standby V
CC current
I
SB
1.0
3.0
µA
Vin = V
SS or VCC
Read V
CC current
I
CC1
1.0
mA
V
CC = 5.5 V, Read at 400 kHz
Write V
CC current
I
CC2
3.0
mA
V
CC = 5.5 V, Write at 400 kHz
Output low voltage
V
OL2
0.4
V
V
CC = 4.5 to 5.5 V, IOL = 1.6 mA
V
CC = 2.7 to 4.5 V, IOL = 0.8 mA
V
CC = 1.8 to 2.7 V, IOL = 0.4 mA
V
OL1
0.2
V
V
CC = 1.8 to 2.7 V, IOL = 0.2 mA
Capacitance (Ta = 25˚C, f = 1 MHz)
Parameter
Symbol
Min
Typ
Max
Unit
Test
conditions
Input capacitance (A0 to A2, SCL, WP)
Cin*
1
6.0
pF
Vin = 0 V
Output capacitance (SDA)
C
I/O*
1
6.0
pF
Vout = 0 V
Note:
1. This parameter is sampled and not 100% tested.


Numéro de pièce similaire - HN58X2408I

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
HN58X2408I RENESAS-HN58X2408I Datasheet
160Kb / 22P
   Two-wire serial interface 8k EEPROM (1-kword 횞 8-bit)/16k EEPROM (2-kword 횞 8-bit) 32k EEPROM (4-kword 횞 8-bit)/64k EEPROM (8-kword 횞 8-bit)
More results

Description similaire - HN58X2408I

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
HN58X2432SI RENESAS-HN58X2432SI Datasheet
157Kb / 22P
   Two-wire serial interface 32k EEPROM (4-kword x 8-bit)/64k EEPROM (8-kword x 8-bit)
HN58X2408I RENESAS-HN58X2408I Datasheet
160Kb / 22P
   Two-wire serial interface 8k EEPROM (1-kword 횞 8-bit)/16k EEPROM (2-kword 횞 8-bit) 32k EEPROM (4-kword 횞 8-bit)/64k EEPROM (8-kword 횞 8-bit)
HN58X2408FPIAG RENESAS-HN58X2408FPIAG Datasheet
145Kb / 21P
   Two-wire serial interface 8k EEPROM (1-kword 횞 8-bit)/16k EEPROM (2-kword 횞 8-bit) 32k EEPROM (4-kword 횞 8-bit)/64k EEPROM (8-kword 횞 8-bit)
logo
Hitachi Semiconductor
HN58X24128I HITACHI-HN58X24128I Datasheet
69Kb / 22P
   Two-wire serial interface, 128k EEPROM (16-kword x 8-bit), 256k EEPROM (32-kword x 8-bit)
logo
Renesas Technology Corp
HN58X2408SI RENESAS-HN58X2408SI Datasheet
151Kb / 19P
   Two-wire serial interface 8k EEPROM (1-kword 횞 8-bit) 16k EEPROM (2-kword 횞 8-bit)
HN58X2432SI RENESAS-HN58X2432SI_05 Datasheet
155Kb / 22P
   Two-wire serial interface 32k EEPROM (4-kword 횞 8-bit)/64k EEPROM (8-kword 횞 8-bit)
logo
Hitachi Semiconductor
HN58X2402 HITACHI-HN58X2402 Datasheet
89Kb / 21P
   Two-wire serial interface 2k / 4k / 8k / 16k / 32k / 64k EEPROM(8-kword x 8-bit)
logo
Renesas Technology Corp
R1EX25032ASA00I RENESAS-R1EX25032ASA00I_15 Datasheet
274Kb / 22P
   Serial Peripheral Interface 32k EEPROM (4-kword 횞 8-bit) 64k EEPROM (8-kword 횞 8-bit)
R1EV24064ASAS0I RENESAS-R1EV24064ASAS0I_15 Datasheet
546Kb / 17P
   Two-wire serial interface 64k EEPROM (8-kword ??8-bit)
R1EX24064ASAS0A RENESAS-R1EX24064ASAS0A_09 Datasheet
909Kb / 24P
   Two-wire serial interface 64k EEPROM (8-kword 8-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com