Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSD83325L Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce CSD83325L
Description  12 V Dual N-Channel NexFET??Power MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

CSD83325L Fiches technique(HTML) 5 Page - Texas Instruments

  CSD83325L Datasheet HTML 1Page - Texas Instruments CSD83325L Datasheet HTML 2Page - Texas Instruments CSD83325L Datasheet HTML 3Page - Texas Instruments CSD83325L Datasheet HTML 4Page - Texas Instruments CSD83325L Datasheet HTML 5Page - Texas Instruments CSD83325L Datasheet HTML 6Page - Texas Instruments CSD83325L Datasheet HTML 7Page - Texas Instruments CSD83325L Datasheet HTML 8Page - Texas Instruments CSD83325L Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
VS1S2 - Source-to-Source Voltage (V)
0.1
1
10
100
0.1
1
10
100
D009
100 ms
10 ms
1 ms
100 µs
TC - Case Temperature (°C)
-50
-25
0
25
50
75
100
125
150
175
0
2
4
6
8
10
D010
VGS - Gate-to-Source Voltage (V)
0
1
2
3
4
5
6
7
8
9
10
0
3
6
9
12
15
18
21
24
27
30
D007
TC = 25°C, I S = 5 A
TC = 125°C, I S = 5 A
TC - Case Temperature (GC)
-75
-50
-25
0
25
50
75
100
125
150
175
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
D008
VGS = 2.5 V
VGS = 3.8 V
VGS = 4.5 V
VS1S2 - Source-to-Source Voltage (V)
0
2
4
6
8
10
12
10
100
1000
10000
D005
Ciss = Cgd + Cgs
Coss = Cds + Cgd
Crss = Cgd
TC - Case Temperature (°C)
-75
-50
-25
0
25
50
75
100
125
150
175
0.45
0.55
0.65
0.75
0.85
0.95
1.05
1.15
1.25
D006
CSD83325L
www.ti.com
SLPS494 – NOVEMBER 2014
Typical MOSFET Characteristics (continued)
(TA = 25°C unless otherwise stated)
IS = 250 µA
Figure 5. Capacitance
Figure 6. Threshold Voltage vs Temperature
IS = 5 A
Figure 7. On-State Source-to-Source Resistance vs
Figure 8. Normalized On-State Resistance vs Temperature
Gate-to-Source Voltage
Single Pulse, Max RθJA = 150°C/W
Figure 9. Maximum Safe Operating Area
Figure 10. Maximum Source Current vs Temperature
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: CSD83325L


Numéro de pièce similaire - CSD83325L

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CSD83325L TI1-CSD83325L Datasheet
1Mb / 14P
[Old version datasheet]   12 V Dual N-Channel NexFET Power MOSFET
CSD83325LT TI1-CSD83325LT Datasheet
1Mb / 14P
[Old version datasheet]   12 V Dual N-Channel NexFET Power MOSFET
CSD83325L TI1-CSD83325L_16 Datasheet
1Mb / 14P
[Old version datasheet]   12 V Dual N-Channel NexFET Power MOSFET
More results

Description similaire - CSD83325L

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CSD83325L TI1-CSD83325L_16 Datasheet
1Mb / 14P
[Old version datasheet]   12 V Dual N-Channel NexFET Power MOSFET
CSD13302W TI-CSD13302W_15 Datasheet
1Mb / 15P
[Old version datasheet]   CSD13302W 12 V N Channel NexFET??Power MOSFET
CSD13302W TI1-CSD13302W_16 Datasheet
492Kb / 12P
[Old version datasheet]   CSD13302W 12 V N Channel NexFET??Power MOSFET
CSD13306W TI-CSD13306W Datasheet
616Kb / 12P
[Old version datasheet]   CSD13306W 12 V N Channel NexFET??Power MOSFET
CSD85302L TI1-CSD85302L Datasheet
418Kb / 13P
[Old version datasheet]   20 V Dual N-Channel NexFET Power MOSFET
CSD23202W10 TI1-CSD23202W10 Datasheet
440Kb / 12P
[Old version datasheet]   12-V P-Channel NexFET Power MOSFET
CSD86311W1723 TI-CSD86311W1723 Datasheet
415Kb / 10P
[Old version datasheet]   Dual N-Channel NexFET??Power MOSFET
CSD23202W10 TI-CSD23202W10_15 Datasheet
1,023Kb / 15P
[Old version datasheet]   CSD23202W10 12-V P-Channel NexFET Power MOSFET
CSD19532Q5B TI1-CSD19532Q5B Datasheet
1Mb / 13P
[Old version datasheet]   100 V N-Channel NexFET Power MOSFET
CSD18511KTT TI1-CSD18511KTT Datasheet
377Kb / 11P
[Old version datasheet]   40-V N-Channel NexFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com