Moteur de recherche de fiches techniques de composants électroniques |
|
SMBG170A Fiches technique(PDF) 4 Page - Vishay Siliconix |
|
SMBG170A Fiches technique(HTML) 4 Page - Vishay Siliconix |
4 / 5 page SMBG5.0A thru SMBG188CA www.vishay.com Vishay General Semiconductor Revision: 12-Nov-12 4 Document Number: 88456 For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Fig. 5 - Typical Transient Thermal Impedance Fig. 6 - Maximum Non-Repetitive Peak Forward Surge Current PACKAGE OUTLINE DIMENSIONS in inches (millimeters) 0.1 1.0 10 100 0.001 0.01 0.1 10 1 100 1000 tp - Pulse Duration (s) 10 200 100 1 100 10 Number of Cycles at 60 Hz 8.3 ms Single Half Sine-Wave Uni-Directional Only 0.180 (4.57) 0.160 (4.06) 0.016 (0.41) 0.006 (0.15) 0.020 (0.51) MAX. 0.058 (1.47) 0.038 (0.97) 0.255 (6.48) 0.235 (5.97) 0.030 (0.76) 0.015 (0.38) 0.155 (3.94) 0.130 (3.30) 0.083 (2.10) 0 .077 (1.96) 0.095 (2.41) 0.075 (1.90) 0.165 (4.19) 0.085 (2.16) 0.060 (1.27) DO-215AA (SMBG) Mounting Pad Layout Cathode Band 0.008 (0.20) 0.002 (0.05) Seating Plane |
Numéro de pièce similaire - SMBG170A |
|
Description similaire - SMBG170A |