Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LB2012T150 Fiches technique(PDF) 9 Page - Taiyo Yuden (U.S.A.), Inc

No de pièce LB2012T150
Description  WIRE-WOUND CHIP INDUCTORS (LB SERIES)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Site Internet  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

LB2012T150 Fiches technique(HTML) 9 Page - Taiyo Yuden (U.S.A.), Inc

Back Button LB2012T150 Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc LB2012T150 Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc LB2012T150 Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc LB2012T150 Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc LB2012T150 Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc LB2012T150 Datasheet HTML 10Page - Taiyo Yuden (U.S.A.), Inc LB2012T150 Datasheet HTML 11Page - Taiyo Yuden (U.S.A.), Inc LB2012T150 Datasheet HTML 12Page - Taiyo Yuden (U.S.A.), Inc LB2012T150 Datasheet HTML 13Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
12
wound0103_reli-PRP2
wound0103_reli_e-01
RELIABILITY DATA
*This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) or CD catalogs.
1.Operating temperature Range
LB, LBC, LBR, LBMF Series
ー40~+105℃(Including self-generated heat)
CB, CBC, CBL, CBMF Series
LBM Series
LEM Series
ー40~+85℃
2.Storage
LB, LBC, LBR, LBMF Series
ー40~+85℃
CB, CBC, CBL, CBMF Series
LBM, LEM Series
【Test Methods and Remarks】
Please refer the term of "7. storage conditions" in precautions.
3.Rated Current
LB, LBC, LBR, LBMF Series
Within the specified tolerance
CB, CBC, CBL, CBMF Series
LBM, LEM Series
【Test Methods and Remarks】
LEM Series
The maximum DC value having inductance decrease within 10% and temperature increase within 20℃ by the application of DC bias.
4.Inductance
LB, LBC, LBR, LBMF Series
Within the specified tolerance
CB, CBC, CBL, CBMF Series
LBM, LEM Series
【Test Methods and Remarks】
LEM Series
Measuring equipment:LCR Meter(HP4285A+42851A or its equivalent)
Measuring frequency:Specified frequency
LB・LBC・LBR・CB・CBC・CBL・LBMF・CBMF・LBM Series
Measuring equipment:LCR Mater(HP4285A or its equivalent)
5.Q
LB, LBC, LBR, LBMF Series
CB, CBC, CBL, CBMF Series
LBM, LEM Series
Within the specified tolerance
【Test Methods and Remarks】
LEM Series
Measuring equipment:LCR Meter(HP4285A+42851A or its equivalent)
Measuring frequency:Specified frequency
LBM Series
Measuring equipment:LCR Mater(HP4285A or its equivalent)
6.DC Resisitance
LB, LBC, LBR, LBMF Series
Within the specified tolerance
CB, CBC, CBL, CBMF Series
LBM, LEM Series
【Test Methods and Remarks】
Measuring equipment:DC Ohmmeter(HIOKI 3227 or its equivalent)
7.Self-Resonant Frequency
LB, LBC, LBR, LBMF Series
Within the specified tolerance
CB, CBC, CBL, CBMF Series
LBM, LEM Series
【Test Methods and Remarks】
Measuring equipment:Impedance analyzer(HP4291A or its equivalent)
8.Temperature Characteristic
LBM2016
LEM2520
Inductance change:Within±5%
LB1608
LB2012
LBR2012
CB2012
CBL2012
LB2016
CB2016
LB2518
LBR2518
CB2518
LBC3225
CBC3225
Inductance change:Within±20%
LBMF1608
CBMF1608 LBC2016
CBC2016
LBC2518
CBC2518
LB3218
Inductance change:Within±25%
LBC2012
CBC2012
Inductance change:Within±35%
【Test Methods and Remarks】
Change of maximum inductance deviation in step 1-5
LB, CB Series
Step
1
2
3
4
5
Temperture(℃)
20
ー40
20(Reference temperature) +85(Maximum operating temperature)
20
LEM2520
Step
1
2
3
4
5
Temperture(℃)
20
ー25
20(Reference temperature) +85(Maximum operating temperature)
20
9.Rasistance to Flexure of Substrate
LB, LBC, LBR, LBMF Series
No damage.
CB, CBC, CBL, CBMF Series
LBM, LEM Series
【Test Methods and Remarks】
Warp: 2mm(LB・LBC・LBR・CB・CBC・CBL・LBM・LBMF・CBMF Series)
Pressing jig
Board
LB・LBMF・
CBMF1608
 :0.8mm
Others:1.0mm
 LEM2520:1.6mm
3mm(LEM2520)
Test substrate: Board according to JIS C0051


Numéro de pièce similaire - LB2012T150

FabricantNo de pièceFiches techniqueDescription
logo
Taiyo Yuden (U.S.A.), I...
LB2012T150 TAIYO-YUDEN-LB2012T150 Datasheet
2Mb / 47P
   WOUND CHIP INDUCTORS
LB2012T150 TAIYO-YUDEN-LB2012T150 Datasheet
651Kb / 14P
   Notice for TAIYO YUDEN products
LB2012T150 TAIYO-YUDEN-LB2012T150 Datasheet
651Kb / 14P
   WIRE-WOUND CHIP INDUCTORS (LB SERIES)
LB2012T150K TAIYO-YUDEN-LB2012T150K Datasheet
143Kb / 1P
   Wire-wound Chip Inductors
LB2012T150K TAIYO-YUDEN-LB2012T150K Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
More results

Description similaire - LB2012T150

FabricantNo de pièceFiches techniqueDescription
logo
Taiyo Yuden (U.S.A.), I...
LB2518T470M TAIYO-YUDEN-LB2518T470M_19 Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB2518T471M TAIYO-YUDEN-LB2518T471M_19 Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB2518T2R2M TAIYO-YUDEN-LB2518T2R2M Datasheet
289Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB2518T4R7M TAIYO-YUDEN-LB2518T4R7M Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB3218T102K TAIYO-YUDEN-LB3218T102K_19 Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB3218T221K TAIYO-YUDEN-LB3218T221K Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB3218T470M TAIYO-YUDEN-LB3218T470M_19 Datasheet
289Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB3218T471M TAIYO-YUDEN-LB3218T471M_19 Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB2012T101M TAIYO-YUDEN-LB2012T101M_19 Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB2012T150K TAIYO-YUDEN-LB2012T150K_19 Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB2012T470K TAIYO-YUDEN-LB2012T470K_19 Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com