Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN5059MX Fiches technique(PDF) 10 Page - Fairchild Semiconductor

No de pièce FAN5059MX
Description  High Performance Programmable Synchronous DC-DC Controller for Multi-Voltage Platforms
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5059MX Fiches technique(HTML) 10 Page - Fairchild Semiconductor

Back Button FAN5059MX Datasheet HTML 6Page - Fairchild Semiconductor FAN5059MX Datasheet HTML 7Page - Fairchild Semiconductor FAN5059MX Datasheet HTML 8Page - Fairchild Semiconductor FAN5059MX Datasheet HTML 9Page - Fairchild Semiconductor FAN5059MX Datasheet HTML 10Page - Fairchild Semiconductor FAN5059MX Datasheet HTML 11Page - Fairchild Semiconductor FAN5059MX Datasheet HTML 12Page - Fairchild Semiconductor FAN5059MX Datasheet HTML 13Page - Fairchild Semiconductor FAN5059MX Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
FAN5059
PRODUCT SPECIFICATION
10
REV. 1.0.4 8/14/03
Figure 2. Application Circuit for Coppermine/Camino Motherboards
(Typical Design)
9
1
2
3
4
5
6
7
8
10
11
12
13
14
15
16
24
23
22
21
20
19
18
17
+5V
L1
(Optional)
CIN*
Q1
C2
C1
VID3
VID4
3.3V IN
TYPEDET
ENABLE/SS
1.5V†
2.5V†
3.3/1.5V
(AGP)†
VID2
VID1
VID0
Q2
Q4
Q5
Q3
D1
L2
COUT*
VO
*Refer to Table 4 for values of COUT and CIN.
R6
R7
R5
R2
R3
C8
C9
C7
C4
C3
PWRGD
VCC
+12V
C5
C6
R4
R1
R8
U1
FAN5059
† Adjustable with an external divider.
C10
C11
C12


Numéro de pièce similaire - FAN5059MX

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN5059 FAIRCHILD-FAN5059 Datasheet
206Kb / 18P
   High Performance Programmable Synchronous
More results

Description similaire - FAN5059MX

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
RC5061 FAIRCHILD-RC5061 Datasheet
135Kb / 18P
   High Performance Programmable Synchronous DC-DC Controller for Multi-Voltage Platforms
FAN5071 FAIRCHILD-FAN5071 Datasheet
424Kb / 15P
   High Performance Programmable Synchronous DC-DC Controller for Multi-Voltage Platforms
FAN5056MV85 FAIRCHILD-FAN5056MV85 Datasheet
162Kb / 15P
   High Performance Programmable Synchronous DC-DC Controller for Multi-Voltage Platforms
RC5058 FAIRCHILD-RC5058 Datasheet
257Kb / 18P
   High Performance Programmable Synchronous DC-DC Controller for Multi-Voltage Platforms
FAN5070 FAIRCHILD-FAN5070 Datasheet
147Kb / 14P
   High Performance Programmable Synchronous DC-DC Controller
RC5052 FAIRCHILD-RC5052 Datasheet
157Kb / 18P
   High Performance Programmable Synchronous DC-DC Controller for Low Voltage Microprocessors
RC5057 FAIRCHILD-RC5057 Datasheet
177Kb / 20P
   High Performance Programmable Synchronous DC-DC Controller for Low Voltage Microprocessors
RC5051 FAIRCHILD-RC5051 Datasheet
141Kb / 16P
   Programmable Synchronous DC-DC Controller for Low Voltage Microprocessors
RC5054A FAIRCHILD-RC5054A Datasheet
122Kb / 13P
   Programmable Synchronous DC-DC Converter Controller for Low Voltage Microprocessors
logo
Semtech Corporation
SC1158 SEMTECH-SC1158 Datasheet
71Kb / 5P
   PROGRAMMABLE SYNCHRONOUS DC/DC CONTROLLER FOR ADVANCED PROCESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com