Moteur de recherche de fiches techniques de composants électroniques |
|
STQN1553-2 Fiches technique(PDF) 8 Page - Pulse A Technitrol Company |
|
STQN1553-2 Fiches technique(HTML) 8 Page - Pulse A Technitrol Company |
8 / 20 page TWO PEARL BUCK COURT l BRISTOL, PA 19007-6812 l TEL 215-781-6400 l FAX 215-781-6403 l www.pulsespecialty.com Low Power Pulse Transformers — 8 Through the board dual low profile MIL-PRF-21038 Interface Transformers These non-QPL interface transformers are built and tested in ISO 9002 approved facilities. They conform to all electrical and physi- cal parameters of MIL-PRF-21038/27. Choose one of three operat- ing temperature ranges, including 0 O to +70O C, -40O to +85O C, or -55 O to +125O C. n dual ratio, dual interface (see schematic) n through the board package n for use in MIL-STD-1553 applications n low profile, 0.155 in. height n performance to MIL-PRF-21038/27 requirements n built in ISO 9002 facility SUMMARY PERFORMANCE SPECIFICATIONS Impedance.................................................................................. see table, next page Droop.............................................................................................................. < 20% Overshoot.................................................................................................. + 1V max Common mode rejection (CMR)................................................................. > 45 dB Frequency range (no load)............................................................. 75 kHz to 1MHz Operating temperature range..................................................... see table, next page Weight....................................................................................................... < 5 grams Insulation resistance (min)........................................... 10K megohms @ 250 Vdc Dielectric withstanding voltage................................................................ 100 Vrms 0 O to 70OC -40 O to +85OC -55 O to +125OC prefix operating temp. DTLN DTLC DTL APPLICABLE SPECIFICATIONS n MIL-STD-1553B n MIL-STD-202 n MIL-T-10727 n MIL-PRF-21038 n ISO 9002 PULSE SPECIALTY COMPONENTS back to “ Contents” |
Numéro de pièce similaire - STQN1553-2 |
|
Description similaire - STQN1553-2 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |