Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SLCASK-CVR Fiches technique(PDF) 3 Page - List of Unclassifed Manufacturers

No de pièce SLCASK-CVR
Description  Silver Line Series ??Single Multi-Output Linears
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

SLCASK-CVR Fiches technique(HTML) 3 Page - List of Unclassifed Manufacturers

  SLCASK-CVR Datasheet HTML 1Page - List of Unclassifed Manufacturers SLCASK-CVR Datasheet HTML 2Page - List of Unclassifed Manufacturers SLCASK-CVR Datasheet HTML 3Page - List of Unclassifed Manufacturers SLCASK-CVR Datasheet HTML 4Page - List of Unclassifed Manufacturers SLCASK-CVR Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Power Supplies
3
Contact
Technical Services at (800) 377-4384 with any questions.
Visit our website at www.solahd.com.
146
Silver Line Dimensions (inches/mm)
AC Input Jumper Connections
For use at:
100 Vac
120 Vac
220 Vac
230/240 Vac
Connect:
1-3, 2-4
1-3, 2-4
2-3
2-3
Apply AC:
1 & 5
1 & 4
1 & 5
1 & 4
Cases C and C1
Case F
Case D
Case G2
Cases H1 and H2


Numéro de pièce similaire - SLCASK-CVR

FabricantNo de pièceFiches techniqueDescription
logo
SUNMATE electronic Co.,...
SLCA10 SUNMATE-SLCA10 Datasheet
185Kb / 2P
   400 Watts Surface Mount Transient Voltage Suppressor
logo
Shanghai Leiditech Elec...
SLCA10 LEIDITECH-SLCA10 Datasheet
134Kb / 1P
   Low Capacitance Surface mount TVS
logo
SUNMATE electronic Co.,...
SLCA12 SUNMATE-SLCA12 Datasheet
185Kb / 2P
   400 Watts Surface Mount Transient Voltage Suppressor
logo
Shanghai Leiditech Elec...
SLCA12 LEIDITECH-SLCA12 Datasheet
134Kb / 1P
   Low Capacitance Surface mount TVS
logo
SUNMATE electronic Co.,...
SLCA15 SUNMATE-SLCA15 Datasheet
185Kb / 2P
   400 Watts Surface Mount Transient Voltage Suppressor
More results

Description similaire - SLCASK-CVR

FabricantNo de pièceFiches techniqueDescription
logo
SL Power Electronics
MB5-3-OV-A SLPOWER-MB5-3-OV-A Datasheet
720Kb / 7P
   Commercial/Medical International Linears
logo
List of Unclassifed Man...
HBB5-3-OV-AG ETC2-HBB5-3-OV-AG Datasheet
374Kb / 7P
   Commercial/Medical International Linears
logo
Astec America, Inc
ATV351 ASTEC-ATV351 Datasheet
665Kb / 4P
   15-115 Watts LINEARS
logo
List of Unclassifed Man...
HC24-24-A ETC2-HC24-24-A Datasheet
374Kb / 7P
   Commercial/Medical International Linears
logo
International Rectifier
IR3580 IRF-IR3580_15 Datasheet
322Kb / 7P
   Single Output Digital Multi-Phase Controller
IR3563A IRF-IR3563A Datasheet
417Kb / 4P
   Single Output Digital Multi-Phase Controller
IR3563A IRF-IR3563A_15 Datasheet
408Kb / 4P
   Single Output Digital Multi-Phase Controller
logo
Integrated Power Design...
REL-70 IPDPOWER-REL-70 Datasheet
365Kb / 2P
   70 WATTS SINGLE/MULTI OUTPUT AC-DC
REL-110 IPDPOWER-REL-110 Datasheet
357Kb / 2P
   110 WATTS SINGLE/MULTI OUTPUT AC-DC
DC2-110 IPDPOWER-DC2-110 Datasheet
399Kb / 2P
   110 WATTS SINGLE/MULTI OUTPUT DC-DC
REV. W 10/06/2022
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com