Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BD3940FP Fiches technique(PDF) 6 Page - Rohm

No de pièce BD3940FP
Description  Power Management LSI Series for Automotive Body Control
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BD3940FP Fiches technique(HTML) 6 Page - Rohm

  BD3940FP Datasheet HTML 1Page - Rohm BD3940FP Datasheet HTML 2Page - Rohm BD3940FP Datasheet HTML 3Page - Rohm BD3940FP Datasheet HTML 4Page - Rohm BD3940FP Datasheet HTML 5Page - Rohm BD3940FP Datasheet HTML 6Page - Rohm BD3940FP Datasheet HTML 7Page - Rohm BD3940FP Datasheet HTML 8Page - Rohm BD3940FP Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6/8
Operation Notes
1) Absolute maximum ratings
An excess in the absolute maximum ratings, such as supply voltage, temperature range of operating conditions, etc., can break down the
devices, thus making impossible to identify breaking mode, such as a short circuit or an open circuit. If any over rated values will expect
to exceed the absolute maximum ratings, consider adding circuit protection devices, such as fuses.
2) GND voltage
The potential of GND pin must be minimum potential in all operating conditions.
3) Thermal design
Use a thermal design that allows for a sufficient margin in light of the power dissipation (Pd) in actual operating conditions.
4) Inter-pin shorts and mounting errors
Use caution when positioning the IC for mounting on printed circuit boards. The IC may be damaged if there is any connection error or if
pins are shorted together.
5) Actions in strong electromagnetic field
Use caution when using the IC in the presence of a strong electromagnetic field as doing so may cause the IC to malfunction.
6) Testing on application boards
When testing the IC on an application board, connecting a capacitor to a pin with low impedance subjects the IC to stress. Always
discharge capacitors after each process or step. Always turn the IC's power supply off before connecting it to or removing it from a jig or
fixture during the inspection process. Ground the IC during assembly steps as an antistatic measure. Use similar precaution when
transporting or storing the IC.
7) Regarding input pin of the IC
This monolithic IC contains P+ isolation and P substrate layers between adjacent elements in order to keep them isolated.
P-N junctions are formed at the intersection of these P layers with the N layers of other elements, creating a parasitic diode or transistor.
For example, the relation between each potential is as follows:
When GND > Pin A and GND > Pin B, the P-N junction operates as a parasitic diode.
When GND > Pin B, the P-N junction operates as a parasitic transistor.
Parasitic diodes can occur inevitable in the structure of the IC. The operation of parasitic diodes can result in mutual interference among
circuits, operational faults, or physical damage. Accordingly, methods by which parasitic diodes operate, such as applying a voltage that
is lower than the GND (P substrate) voltage to an input pin, should not be used.
Fig.22 Example of a Simple Monolithic IC Architecture
8) Ground Wiring Pattern
When using both small signal and large current GND patterns, it is recommended to isolate the two ground patterns, placing a single
ground point at the ground potential of application so that the pattern wiring resistance and voltage variations caused by large currents do
not cause variations in the small signal ground voltage. Be careful not to change the GND wiring pattern of any external components,
either.
Parasitic elements
(PINA)
Parasitic elements
or transistors
(PinB)
GND
C
B
E
GND
N
P
N
N
P+
P+
Parasitic elements
or transistors
P substrate
(PinB)
C
B
E
Transistor (NPN)
(PinA)
GND
N
P
N
N
P+
P+
Resistor
Parasitic elements
P


Numéro de pièce similaire - BD3940FP

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD3940FP ROHM-BD3940FP Datasheet
336Kb / 6P
   Reference Voltage Regulator
BD3940FP ROHM-BD3940FP Datasheet
669Kb / 9P
   Power Management LSI Series for Automotive Body Control
More results

Description similaire - BD3940FP

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD3941HFP-TR ROHM-BD3941HFP-TR Datasheet
669Kb / 9P
   Power Management LSI Series for Automotive Body Control
BD6941FM ROHM-BD6941FM_09 Datasheet
327Kb / 9P
   Power Management IC Series for Automotive Body Control Motor Driver
BD8105FV ROHM-BD8105FV_09 Datasheet
357Kb / 13P
   Power Management IC Series for Automotive Body Control LED Driver
BD7185AGWL ROHM-BD7185AGWL Datasheet
1Mb / 79P
   Power Management LSI
BH6955GU ROHM-BH6955GU Datasheet
385Kb / 6P
   Power management LSI for mobile phone
BH6056GU ROHM-BH6056GU Datasheet
354Kb / 6P
   Power management LSI for mobile phone
BD71801GWL ROHM-BD71801GWL Datasheet
2Mb / 79P
   Power Management LSI for Mobile Phone
BH6054GU ROHM-BH6054GU Datasheet
394Kb / 6P
   Power management LSI for mobile phone
BH6176GU ROHM-BH6176GU_11 Datasheet
177Kb / 5P
   Silicon Monolithic Integrated Circuit Power Management LSI for MultiMedia LSI on Cellular
logo
STMicroelectronics
L9177A STMICROELECTRONICS-L9177A Datasheet
974Kb / 55P
   Automotive engine management control IC for small engines
November 2020 Rev 5
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com