Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HD74HC160 Fiches technique(PDF) 2 Page - Hitachi Semiconductor

No de pièce HD74HC160
Description  Synchronous Decade,4-bit Binary,Counter(Direct Clear,Synchronous Clear)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HITACHI [Hitachi Semiconductor]
Site Internet  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74HC160 Fiches technique(HTML) 2 Page - Hitachi Semiconductor

  HD74HC160 Datasheet HTML 1Page - Hitachi Semiconductor HD74HC160 Datasheet HTML 2Page - Hitachi Semiconductor HD74HC160 Datasheet HTML 3Page - Hitachi Semiconductor HD74HC160 Datasheet HTML 4Page - Hitachi Semiconductor HD74HC160 Datasheet HTML 5Page - Hitachi Semiconductor HD74HC160 Datasheet HTML 6Page - Hitachi Semiconductor HD74HC160 Datasheet HTML 7Page - Hitachi Semiconductor HD74HC160 Datasheet HTML 8Page - Hitachi Semiconductor HD74HC160 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
HD74HC160/HD74HC161/HD74HC162/HD74HC163
2
• Low Quiescent Supply Current: I
CC (static) = 4 µA max (Ta = 25°C)
Function Table
Inputs
Outputs
Clock
Clear*
1
Load
Enable P
Enable T
Q
n
L
X
X
X
Reset-clear
H
L
X
X
Load input data
H
H
H
H
Count
H
H
L
X
No count
H
H
X
L
No count
Note:
1. 162 and 163 Only-160 and 161 are Asynchronous Clear Devices
Decade Counter
Binary Counter
Asynchronous clear
HD74HC160P
HD74HC161P
Synchronous clear
HD74HC162P
HD74HC163P
Pin Arrangement
1
2
3
4
5
6
7
8
Clear
Clock
A
B
C
D
Enable P
GND
VCC
QA
QB
QC
QD
Enable T
Load
16
15
14
13
12
11
10
9
(Top view)
CK
P
A
C
D
B
Ripple
Carry
Ripple
Carry Output
Outputs
Data
Inputs
QA
QB
QD
T
QC
CLR
Load


Numéro de pièce similaire - HD74HC160

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
HD74HC160 RENESAS-HD74HC160 Datasheet
159Kb / 15P
   Synchronous Decade Counter (Direct Clear)
HD74HC160FPEL RENESAS-HD74HC160FPEL Datasheet
159Kb / 15P
   Synchronous Decade Counter (Direct Clear)
HD74HC160P RENESAS-HD74HC160P Datasheet
159Kb / 15P
   Synchronous Decade Counter (Direct Clear)
HD74HC160RPEL RENESAS-HD74HC160RPEL Datasheet
159Kb / 15P
   Synchronous Decade Counter (Direct Clear)
More results

Description similaire - HD74HC160

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
HD74LV161A HITACHI-HD74LV161A Datasheet
84Kb / 19P
   Synchronous 4-bit Binary Counter (Direct Clear)
logo
Renesas Technology Corp
HD74LV161A RENESAS-HD74LV161A Datasheet
112Kb / 16P
   Synchronous 4-bit Binary Counter (Direct Clear)
HD74LS163A RENESAS-HD74LS163A Datasheet
199Kb / 12P
   Synchronous 4-bit Binary Counter (direct clear)
HD74LV161A RENESAS-HD74LV161A_15 Datasheet
137Kb / 18P
   Synchronous 4-bit Binary Counter (Direct Clear)
HD74LS161A RENESAS-HD74LS161A Datasheet
106Kb / 11P
   Synchronous 4-bit Binary Counter (direct clear)
HD74LS160A RENESAS-HD74LS160A Datasheet
203Kb / 11P
   Synchronous Decade Counter (direct clear)
HD74HC160 RENESAS-HD74HC160 Datasheet
159Kb / 15P
   Synchronous Decade Counter (Direct Clear)
logo
Hitachi Semiconductor
HD74LV163A HITACHI-HD74LV163A Datasheet
77Kb / 19P
   Synchronous 4-bit Binary Counter (Synchronous Clear)
logo
Renesas Technology Corp
HD74LV163A RENESAS-HD74LV163A_15 Datasheet
131Kb / 17P
   Synchronous 4-bit Binary Counter (Synchronous Clear)
HD74LV163A RENESAS-HD74LV163A Datasheet
106Kb / 15P
   Synchronous 4-bit Binary Counter (Synchronous Clear)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com