Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LCD15-48S12 Fiches technique(PDF) 4 Page - Power Mate Technology Co., LTD

No de pièce LCD15-48S12
Description  DC-DC CONVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  P-DUKE [Power Mate Technology Co., LTD]
Site Internet  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

LCD15-48S12 Fiches technique(HTML) 4 Page - Power Mate Technology Co., LTD

  LCD15-48S12 Datasheet HTML 1Page - Power Mate Technology Co., LTD LCD15-48S12 Datasheet HTML 2Page - Power Mate Technology Co., LTD LCD15-48S12 Datasheet HTML 3Page - Power Mate Technology Co., LTD LCD15-48S12 Datasheet HTML 4Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
LCD15
4
www.PDUKE.com
2014/04/30
MECHANICAL DRAWING
PIN CONNECTION
EXTERNAL OUTPUT TRIMMING
1. All dimensions in inch (mm)
2. Tolerance :x.xx±0.02 (x.x±0.5)
x.xxx±0.01 (x.xx±0.25)
3. Pin pitch tolerance ±0.01 (0.25)
4. Pin dimension tolerance ±0.004(0.1)
PIN
SINGLE
DUAL
1
+Vin
+Vin
2
-Vin
-Vin
3
Ctrl
Ctrl
4
+Vout
+Vout
5
Trim
Common
6
-Vout
-Vout
Output can be externally trimmed by
using the method shown below.
6
5
TRIM UP
RU
5
4
TRIM DOWN
RD


Numéro de pièce similaire - LCD15-48S12

FabricantNo de pièceFiches techniqueDescription
logo
Power Mate Technology C...
LCD15-48S12 P-DUKE-LCD15-48S12 Datasheet
329Kb / 3P
   15 WATTS MAXIMUM OUTPUT POWER
logo
Make-Ps
LCD15-48S12 MAKE-PS-LCD15-48S12 Datasheet
860Kb / 3P
   Single & Dual Output DC/DC Converter
logo
Power Mate Technology C...
LCD15-48S12W P-DUKE-LCD15-48S12W Datasheet
327Kb / 3P
   15 WATTS MAXIMUM OUTPUT POWER
LCD15-48S12W P-DUKE-LCD15-48S12W Datasheet
442Kb / 4P
   DC-DC CONVERTER
logo
Astrodyne Corporation
LCD15-48S12W ASTRODYNE-LCD15-48S12W Datasheet
602Kb / 4P
   Isolated and Regulated 15 Watt Encapsulated DC/DC Converters
More results

Description similaire - LCD15-48S12

FabricantNo de pièceFiches techniqueDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com