Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NE334S01-T1 Fiches technique(PDF) 9 Page - NEC

No de pièce NE334S01-T1
Description  C BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

NE334S01-T1 Fiches technique(HTML) 9 Page - NEC

Back Button NE334S01-T1 Datasheet HTML 4Page - NEC NE334S01-T1 Datasheet HTML 5Page - NEC NE334S01-T1 Datasheet HTML 6Page - NEC NE334S01-T1 Datasheet HTML 7Page - NEC NE334S01-T1 Datasheet HTML 8Page - NEC NE334S01-T1 Datasheet HTML 9Page - NEC NE334S01-T1 Datasheet HTML 10Page - NEC NE334S01-T1 Datasheet HTML 11Page - NEC NE334S01-T1 Datasheet HTML 12Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
NE334S01
RECOMMENDED SOLDERING CONDITIONS
The following conditions (see table below) must be met when soldering this product.
Please consult with our sales offices in case other soldering process is used, or in case soldering is done under different
conditions.
<TYPES OF SURFACE MOUNT DEVICE>
For more details, refer to our document “SEMICONDUCTOR DEVICE MOUNTING TECHNOLOGY MANUAL” (C10535E)
Soldering process
Soldering conditions
Symbol
Infrared ray reflow
Peak package’s surface temperature: 230
°C or below, Reflow time: 30
seconds or below (210
°C or higher), Number of reflow process: 1,
Exposure limit*: None
IR30-00
Partial heating method
Terminal temperature: 230
°C or below, Flow time: 10 seconds or below,
Exposure limit*: None
*:
Exposure limit before soldering after dry-pack package is opened.
Storage conditions: 25
°C and relative humidity at 65 % or less.
Note: Do not apply more than a single process at once, except for “Partial heating method”.
PRECAUTION:
Avoid high static voltage and electric fields, because this device is Hetero Junction field effect transistor
with shottky barrier gate.


Numéro de pièce similaire - NE334S01-T1

FabricantNo de pièceFiches techniqueDescription
logo
NEC
NE334S01-T1 NEC-NE334S01-T1 Datasheet
46Kb / 6P
   C BAND SUPER LOW NOISE HJ FET
logo
California Eastern Labs
NE334S01-T1 CEL-NE334S01-T1 Datasheet
46Kb / 6P
   C BAND SUPER LOW NOISE HJ FET
logo
NEC
NE334S01-T1B NEC-NE334S01-T1B Datasheet
46Kb / 6P
   C BAND SUPER LOW NOISE HJ FET
logo
California Eastern Labs
NE334S01-T1B CEL-NE334S01-T1B Datasheet
46Kb / 6P
   C BAND SUPER LOW NOISE HJ FET
More results

Description similaire - NE334S01-T1

FabricantNo de pièceFiches techniqueDescription
logo
NEC
NE434S01 NEC-NE434S01 Datasheet
77Kb / 12P
   C BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
California Eastern Labs
NE425S01 CEL-NE425S01 Datasheet
52Kb / 5P
   C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE334S01 NEC-NE334S01_00 Datasheet
46Kb / 6P
   C BAND SUPER LOW NOISE HJ FET
NE434S01 NEC-NE434S01_98 Datasheet
41Kb / 5P
   C BAND SUPER LOW NOISE HJ FET
NE4210M01 NEC-NE4210M01 Datasheet
79Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE325S01 NEC-NE325S01_02 Datasheet
51Kb / 5P
   C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
California Eastern Labs
NE429M01 CEL-NE429M01 Datasheet
58Kb / 6P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE32484A NEC-NE32484A Datasheet
63Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE425S01 NEC-NE425S01 Datasheet
57Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3512S02 RENESAS-NE3512S02 Datasheet
200Kb / 11P
   C TO Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com