Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NE32584C-T1A Fiches technique(PDF) 5 Page - NEC

No de pièce NE32584C-T1A
Description  C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

NE32584C-T1A Fiches technique(HTML) 5 Page - NEC

  NE32584C-T1A Datasheet HTML 1Page - NEC NE32584C-T1A Datasheet HTML 2Page - NEC NE32584C-T1A Datasheet HTML 3Page - NEC NE32584C-T1A Datasheet HTML 4Page - NEC NE32584C-T1A Datasheet HTML 5Page - NEC NE32584C-T1A Datasheet HTML 6Page - NEC NE32584C-T1A Datasheet HTML 7Page - NEC NE32584C-T1A Datasheet HTML 8Page - NEC NE32584C-T1A Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
NE32584C
S-PARAMETER
MAG. AND ANG.
VDS = 2 V, ID = 10 mA
FREQUENCY
S11
S21
S12
S22
GHZ
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
(deg.)
(deg.)
(deg.)
(deg.)
2.0
.983
ð29.7
4.648
148.4
.027
69.0
.532
ð22.6
2.5
.973
ð37.2
4.590
140.5
.033
65.3
.520
ð28.3
3.0
.960
ð43.9
4.543
133.2
.038
60.2
.508
ð33.3
3.5
.943
ð51.0
4.428
125.8
.044
55.7
.491
ð39.3
4.0
.922
ð58.0
4.351
118.2
.049
50.2
.472
ð45.1
4.5
.912
ð64.2
4.296
111.3
.054
45.6
.458
ð51.3
5.0
.890
ð70.4
4.174
104.5
.057
41.6
.442
ð57.3
5.5
.870
ð76.4
4.119
97.4
.062
37.7
.428
ð63.6
6.0
.856
ð81.8
4.005
91.0
.064
32.7
.416
ð70.1
6.5
.840
ð87.6
3.940
84.1
.068
29.7
.403
ð76.0
7.0
.827
ð92.5
3.877
78.1
.069
25.1
.395
ð82.4
7.5
.816
ð97.6
3.805
71.4
.072
21.8
.385
ð88.5
8.0
.801
ð102.3
3.720
65.3
.074
18.4
.376
ð94.0
8.5
.784
ð107.5
3.665
58.8
.075
14.9
.372
ð99.9
9.0
.776
ð112.1
3.604
52.6
.075
11.0
.364
ð105.2
9.5
.752
ð116.4
3.529
47.0
.077
9.0
.359
ð112.7
10.0
.734
ð119.8
3.491
41.5
.078
4.9
.357
ð118.8
10.5
.713
ð124.8
3.435
35.6
.079
2.5
.351
ð126.0
11.0
.702
ð128.1
3.438
29.7
.082
ð1.5
.353
ð133.7
11.5
.685
ð131.7
3.434
24.0
.084
ð5.9
.352
ð140.6
12.0
.670
ð136.1
3.429
17.6
.084
ð8.4
.357
ð147.5
12.5
.649
ð139.7
3.443
11.6
.085
ð12.8
.364
ð155.0
13.0
.632
ð143.8
3.423
5.1
.085
ð17.3
.373
ð161.3
13.5
.607
ð148.2
3.414
ð1.6
.086
ð22.1
.384
ð168.0
14.0
.588
ð151.5
3.416
ð7.5
.086
ð25.3
.393
ð174.7
14.5
.559
ð156.1
3.443
ð14.1
.088
ð28.8
.406
178.1
15.0
.535
ð161.6
3.462
ð20.8
.089
ð34.2
.422
171.4
15.5
.506
ð165.4
3.519
ð27.4
.092
ð39.4
.437
164.2
16.0
.474
ð171.6
3.564
ð34.3
.092
ð43.6
.451
156.3
16.5
.445
ð177.1
3.644
ð41.8
.095
ð52.4
.466
150.0
17.0
.397
175.6
3.678
ð49.8
.097
ð58.3
.483
142.0
17.5
.356
167.7
3.754
ð58.6
.097
ð66.4
.484
134.8
18.0
.299
157.7
3.792
ð67.6
.094
ð74.5
.488
126.3


Numéro de pièce similaire - NE32584C-T1A

FabricantNo de pièceFiches techniqueDescription
logo
NEC
NE32584C-T1 NEC-NE32584C-T1 Datasheet
57Kb / 6P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
logo
California Eastern Labs
NE32584C-T1 CEL-NE32584C-T1 Datasheet
58Kb / 6P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
More results

Description similaire - NE32584C-T1A

FabricantNo de pièceFiches techniqueDescription
logo
California Eastern Labs
NE425S01 CEL-NE425S01 Datasheet
52Kb / 5P
   C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE4210M01 NEC-NE4210M01 Datasheet
79Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE325S01 NEC-NE325S01_02 Datasheet
51Kb / 5P
   C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
California Eastern Labs
NE429M01 CEL-NE429M01 Datasheet
58Kb / 6P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE32484A NEC-NE32484A Datasheet
63Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE425S01 NEC-NE425S01 Datasheet
57Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3512S02 RENESAS-NE3512S02 Datasheet
200Kb / 11P
   C TO Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE425S01 NEC-NE425S01_98 Datasheet
51Kb / 5P
   C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
California Eastern Labs
NE325S01 CEL-NE325S01 Datasheet
52Kb / 5P
   C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE325S01 NEC-NE325S01 Datasheet
60Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE429M01 NEC-NE429M01 Datasheet
50Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com