Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74ACT139 Fiches technique(PDF) 4 Page - Hitachi Semiconductor

No de pièce 74ACT139
Description  Dual 1-of-4 Decoder/Demultiplexer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HITACHI [Hitachi Semiconductor]
Site Internet  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

74ACT139 Fiches technique(HTML) 4 Page - Hitachi Semiconductor

  74ACT139 Datasheet HTML 1Page - Hitachi Semiconductor 74ACT139 Datasheet HTML 2Page - Hitachi Semiconductor 74ACT139 Datasheet HTML 3Page - Hitachi Semiconductor 74ACT139 Datasheet HTML 4Page - Hitachi Semiconductor 74ACT139 Datasheet HTML 5Page - Hitachi Semiconductor 74ACT139 Datasheet HTML 6Page - Hitachi Semiconductor 74ACT139 Datasheet HTML 7Page - Hitachi Semiconductor 74ACT139 Datasheet HTML 8Page - Hitachi Semiconductor 74ACT139 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
HD74AC139/HD74ACT139
4
Figure a: Gate Functions (each half)
E
A0
O0
O1
O2
O3
O0
O1
O2
O3
A1
E
A0
A1
E
A0
A1
E
A0
A1
E
A0
A1
E
A0
A1
E
A0
A1
E
A0
A1
DC Characteristics (unless otherwise specified)
Item
Symbol
Max
Unit
Condition
Maximum quiescent supply current
I
CC
80
µAV
IN = VCC or ground, VCC = 5.5 V,
Ta = Worst case
Maximum quiescent supply current
I
CC
8.0
µAV
IN = VCC or ground, VCC = 5.5 V,
Ta = 25
°C
Maximum I
CC/input (HD74ACT139)
I
CCT
1.5
mA
V
IN = VCC – 2.1 V, VCC = 5.5 V
Ta = Worst case


Numéro de pièce similaire - 74ACT139

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
74ACT139 TI-74ACT139 Datasheet
31Kb / 7P
[Old version datasheet]   Dual 2-to-4-Line Decoder/Demultiplexer
logo
Fairchild Semiconductor
74ACT139 FAIRCHILD-74ACT139 Datasheet
98Kb / 9P
   Dual 1-of-4 Decoder/Demultiplexer
logo
ON Semiconductor
74ACT139 ONSEMI-74ACT139 Datasheet
182Kb / 11P
   Dual 1?뭥f?? Decoder/Demultiplexer
March, 2006 ??Rev. 7
logo
Fairchild Semiconductor
74ACT139 FAIRCHILD-74ACT139 Datasheet
101Kb / 9P
   Dual 1-of-4 Decoder/Demultiplexer
74ACT139MTC FAIRCHILD-74ACT139MTC Datasheet
98Kb / 9P
   Dual 1-of-4 Decoder/Demultiplexer
More results

Description similaire - 74ACT139

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74F139 PHILIPS-74F139 Datasheet
75Kb / 8P
   Dual 1-of-4 decoder/demultiplexer
1990 Feb 23
logo
National Semiconductor ...
74156 NSC-74156 Datasheet
56Kb / 2P
   DUAL 1-OF-4 DECODER/DEMULTIPLEXER
logo
NXP Semiconductors
74ALS139 PHILIPS-74ALS139 Datasheet
97Kb / 8P
   Dual 1-of-4 decoder/demultiplexer
1991 Feb 08
HEF4555B PHILIPS-HEF4555B Datasheet
36Kb / 4P
   Dual 1-of-4 decoder/demultiplexer
January 1995
logo
Motorola, Inc
SN54-74LS155 MOTOROLA-SN54-74LS155 Datasheet
78Kb / 4P
   DUAL 1-OF-4 DECODER/ DEMULTIPLEXER
logo
KODENSHI_AUK CORP.
KK74HC139A KODENSHI-KK74HC139A Datasheet
222Kb / 6P
   Dual 1-of-4 Decoder/Demultiplexer
logo
Fairchild Semiconductor
74AC139SCX FAIRCHILD-74AC139SCX Datasheet
101Kb / 9P
   Dual 1-of-4 Decoder/Demultiplexer
logo
ON Semiconductor
74AC139 ONSEMI-74AC139 Datasheet
351Kb / 12P
   Dual 1-of-4 Decoder / Demultiplexer
January, 2017 ??Rev. 2
logo
Fairchild Semiconductor
74AC139 FAIRCHILD-74AC139 Datasheet
98Kb / 9P
   Dual 1-of-4 Decoder/Demultiplexer
logo
Motorola, Inc
SN54LS155 MOTOROLA-SN54LS155 Datasheet
210Kb / 6P
   DUAL 1-OF-4 DECODER/ DEMULTIPLEXER
logo
National Semiconductor ...
54F139DM NSC-54F139DM Datasheet
166Kb / 8P
   Dual 1-of-4 Decoder/Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com