Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STF701-LF-T7 Fiches technique(PDF) 5 Page - Protek Devices

No de pièce STF701-LF-T7
Description  Compatible with IEC 61000-4-2 (ESD) Air 15kV, Contact 8kV
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PROTEC [Protek Devices]
Site Internet  http://www.protekdevices.com
Logo PROTEC - Protek Devices

STF701-LF-T7 Fiches technique(HTML) 5 Page - Protek Devices

  STF701-LF-T7 Datasheet HTML 1Page - Protek Devices STF701-LF-T7 Datasheet HTML 2Page - Protek Devices STF701-LF-T7 Datasheet HTML 3Page - Protek Devices STF701-LF-T7 Datasheet HTML 4Page - Protek Devices STF701-LF-T7 Datasheet HTML 5Page - Protek Devices STF701-LF-T7 Datasheet HTML 6Page - Protek Devices STF701-LF-T7 Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05129.R11 10/12
Page 5
STF701
Sc70-5l PackaGe inFoRmaTion
ouTline DimenSionS
Dim
millimeTeRS
incheS
min
maX
min
maX
A
1.90
2.15
0.074
0.084
B
1.15
1.35
0.045
0.055
C
0.80
1.00
0.031
0.040
D
0.15
0.30
0.005
0.012
E
0.65 BSC
0.026 BSC
F
1.30 BSC
0.051 BSC
G
0.80
1.10
0.031
0.043
J
0.08
0.25
0.003
0.010
K
2.00
2.40
0.078
0.095
L
-
0.10
-
0.004
M
0.26
0.46
0.010
0.018
noTeS
1. Controlling dimension: inches.
2. Dimensioning and tolerances per ANSI Y14.5M, 1985.
3. Dimensions are exclusive of mold flash and metal burrs.
PaD layouT DimenSionS
Dim
millimeTeRS
incheS
nominal
nominal
A
0.50
0.020
B
1.30
0.051
C
0.65
0.026
D
1.72
0.068
E
0.60
0.024
noTeS
1. Controlling dimension: inches.
D
E
K
4
5
3
2
1
A
G
C
L
B
M
0° - 8°
J
D
C
B
A
E
F


Numéro de pièce similaire - STF701-LF-T7

FabricantNo de pièceFiches techniqueDescription
logo
Semtech Corporation
STF701 SEMTECH-STF701 Datasheet
173Kb / 6P
   T-Filter with TVS Diode Array For EMI Filtering and ESD Protection
logo
Protek Devices
STF701 PROTEC-STF701 Datasheet
114Kb / 4P
   EMI FILTER/TVS ARRAY
STF701 PROTEC-STF701 Datasheet
705Kb / 7P
   emi filter/tvs array
logo
Semtech Corporation
STF701TC SEMTECH-STF701TC Datasheet
173Kb / 6P
   T-Filter with TVS Diode Array For EMI Filtering and ESD Protection
STF701TG SEMTECH-STF701TG Datasheet
173Kb / 6P
   T-Filter with TVS Diode Array For EMI Filtering and ESD Protection
More results

Description similaire - STF701-LF-T7

FabricantNo de pièceFiches techniqueDescription
logo
Guangdong Youtai Semico...
PSD03 UMW-PSD03 Datasheet
478Kb / 5P
   Compatible with IEC 61000-4-2 (ESD): Air -15kV, Contact - 8kV
PSOT03 UMW-PSOT03 Datasheet
594Kb / 5P
   Compatible with IEC 61000-4-2 (ESD): Air 15kV, Contact 8kV
PSM712 UMW-PSM712 Datasheet
497Kb / 4P
   Compatible with IEC 61000-4-2 (ESD): Air 15kV,Contact 8kV
UAD8C05L01 UMW-UAD8C05L01 Datasheet
368Kb / 4P
   IEC61000-4-2 ESD 15KV Air, 8KV contact compliance
SDD32A05L01 UMW-SDD32A05L01 Datasheet
413Kb / 3P
   IEC61000-4-2 ESD 15KV Air, 8KV contact compliance
SDD32C05L01 UMW-SDD32C05L01 Datasheet
416Kb / 3P
   IEC61000-4-2 ESD 15KV Air, 8KV contact compliance
logo
Pan Jit International I...
PJE5UFN10A PANJIT-PJE5UFN10A Datasheet
152Kb / 5P
   IEC61000-4-2(ESD): 15kV Air, 8kV Contact Compliance
logo
Guangdong Youtai Semico...
SET23AXXL02 UMW-SET23AXXL02 Datasheet
408Kb / 5P
   IEC61000-4-2 ESD 15KV Air, 8KV contact compliance
logo
First Silicon Co., Ltd
PE12A-0402 FS-PE12A-0402 Datasheet
241Kb / 4P
   IEC61000-4-2 ESD contact discharge typical 8KV, max 15KV
logo
AMAZING Microelectronic...
AZKN1040T AMAZING-AZKN1040T Datasheet
1Mb / 13P
   짹70V Fault Protected High-Speed CAN Transceiver with IEC 61000-4-2 contact 짹12kV ESD Protection
Revision 2021/10/14
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com