Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HLMP-1719 Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce HLMP-1719
Description  LOW CURRENT T-100 T-1 3/4
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HLMP-1719 Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  HLMP-1719 Datasheet HTML 1Page - Fairchild Semiconductor HLMP-1719 Datasheet HTML 2Page - Fairchild Semiconductor HLMP-1719 Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
.047 (1.2)
.032 (.8)
.189 (4.8)
.165 (4.2)
.059 (1.5)
.032 (0.8)
1.040 (26.4)
MIN
.040 (1.00)
MIN
.100 (2.54)
.018 (.46)
.012 (.30)
.122 (3.1)
.135 (3.15)
2X
.020 (.51)
.016 (.41)
2X
PACKAGE DIMENSIONS
NOTES:
1. ALL DIMENSIONS ARE IN INCHES (mm).
2. TOLERANCE ARE ±.010” UNLESS OTHERWISE SPECIFIED.
3. AN EPOXY MENISCUS MAY EXTEND ABOUT .040”(1 mm)
DOWN THE LEADS.
FEATURES
• Low power consumption ( low current drive at 2mA)
• Solid state reliability
• Tinted and diffused
LOW CURRENT T-100 & T-1 3/4
SOLID STATE LAMPS
DESCRIPTION
The T-1 3/4 HLMP-47XX series and T-100 HLMP-17XX series
are tinted diffused, providing a moderate viewing angle. These
parts are optimized for low current and are brighter than the stan-
dard LED lamps operated at very low current.
HER
HLMP-1700
HLMP-4700
YELLOW
HLMP-1719
HLMP-4719
GREEN
HLMP-1790
HLMP-4740 (MV2454)
HLMP-17XX
.040 (1.02)
.200 (5.08)
.180 (4.57)
.050 (1.27)
REF.
.100 (2.54)
.350 (8.89)
.330 (8.38)
.100 (2.54)
REF.
Ø .230 (5.84)
.023 (.58)
.017 (.43)
SQ. TYP. (2X)
.050 (1.27)
FLAT DENOTES
CATHODE
1.00 (25.4)
MIN.
HLMP-47XX
 2001 Fairchild Semiconductor Corporation
DS300016
3/14/01
1 OF 3
www.fairchildsemi.com


Numéro de pièce similaire - HLMP-1719

FabricantNo de pièceFiches techniqueDescription
logo
QT Optoelectronics
HLMP-1719 QT-HLMP-1719 Datasheet
183Kb / 2P
   LOW CURRENT T-100 & T-1 3/4 SOLID STATE LAMPS
logo
Agilent(Hewlett-Packard...
HLMP-1719 HP-HLMP-1719 Datasheet
192Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
Fairchild Semiconductor
HLMP-1719 FAIRCHILD-HLMP-1719 Datasheet
164Kb / 3P
   LOW CURRENT T-100 & T-1 3/4 SOLID STATE LAMPS
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1719 AVAGO-HLMP-1719 Datasheet
291Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps High efficiency
HLMP-1719 AVAGO-HLMP-1719 Datasheet
294Kb / 10P
   Telecommunications indicators
More results

Description similaire - HLMP-1719

FabricantNo de pièceFiches techniqueDescription
logo
Everlight Electronics C...
HLMP1700 EVERLIGHT-HLMP1700 Datasheet
258Kb / 4P
   LOW CURRENT T-100 & T-1 3/4 SOLID STATE LAMPS
logo
Fairchild Semiconductor
HLMP-4740 FAIRCHILD-HLMP-4740 Datasheet
164Kb / 3P
   LOW CURRENT T-100 & T-1 3/4 SOLID STATE LAMPS
logo
QT Optoelectronics
HLMP-1700 QT-HLMP-1700 Datasheet
183Kb / 2P
   LOW CURRENT T-100 & T-1 3/4 SOLID STATE LAMPS
logo
Marktech Corporate
MT540-R2 MARKTECH-MT540-R2 Datasheet
28Kb / 1P
   T-1 3/4 LOW CURRENT SERIES
logo
Everlight Electronics C...
HLMP1700C6A0 EVERLIGHT-HLMP1700C6A0 Datasheet
258Kb / 4P
   LOW CURRNET T-100 T-1 3/4 SOLID STATE LAMPS
logo
Marktech Corporate
MT620-R MARKTECH-MT620-R Datasheet
29Kb / 1P
   STANDARD T-1 3/4 LOW CURRENT LED LAMPS
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1700 AVAGO-HLMP-1700 Datasheet
410Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
HLMP-1790 AVAGO-HLMP-1790 Datasheet
291Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
Broadcom Corporation.
HLMP-4700 BOARDCOM-HLMP-4700 Datasheet
293Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-4700 HP-HLMP-4700 Datasheet
192Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com