Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

93447-1003 Fiches technique(PDF) 1 Page - Molex Electronics Ltd.

No de pièce 93447-1003
Description  ML-XT Sealed 2 Circuit Wedgelock Receptacle Housing, Green
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOLEX11 [Molex Electronics Ltd.]
Site Internet  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

93447-1003 Fiches technique(HTML) 1 Page - Molex Electronics Ltd.

  93447-1003 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 10/10/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
93447-1003
Status:
Active
Overview:
ML-XT™ Sealed Connection System
Description:
ML-XT™ Sealed 2 Circuit Wedgelock Receptacle Housing, Green
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-93443-001 (PDF)
General
Product Family
Crimp Housings
Series
93447
Application
Power, Signal, Wire-to-Wire
Overview
ML-XT™ Sealed Connection System
Product Name
ML-XT™
UPC
887191604022
Physical
Circuits (maximum)
2
Circuits Detail
2
Color - Resin
Green
Gender
Receptacle
Glow-Wire Compliant
No
Net Weight
0.245/g
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface
N/A
Temperature Range - Operating
-55°C to +125°C
Electrical
Current - Maximum per Contact
13A
Material Info
Reference - Drawing Numbers
Product Specification
PS-93443-001
Sales Drawing
SD-93443-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
93447Series
Use With
XRC™ Female (Socket) Terminal 84525 ,
XRC™ Male (Pin) Terminal 84524
This document was generated on 10/10/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Numéro de pièce similaire - 93447-1003

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
9344 ETC1-9344 Datasheet
304Kb / 5P
   BINARY (4-BIT BY 2-BIT) FULL MULTIPLIER
logo
Keystone Electronics Co...
9344 KEYSTONE-9344 Datasheet
130Kb / 1P
   MACHINE SCREW PAN PHILLIPS 10-32
logo
Belden Inc.
9344 BELDEN-9344 Datasheet
169Kb / 2P
   High Perform Instr, 1 Pr #12 Str TC, PVC-NYL Ins E2, OS, Blk PVC Jkt, 600V TC
04-14-2023
9344-0101000 BELDEN-9344-0101000 Datasheet
169Kb / 2P
   High Perform Instr, 1 Pr #12 Str TC, PVC-NYL Ins E2, OS, Blk PVC Jkt, 600V TC
04-14-2023
9344-010500 BELDEN-9344-010500 Datasheet
169Kb / 2P
   High Perform Instr, 1 Pr #12 Str TC, PVC-NYL Ins E2, OS, Blk PVC Jkt, 600V TC
04-14-2023
More results

Description similaire - 93447-1003

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
93448-1003 MOLEX11-93448-1003 Datasheet
36Kb / 1P
   ML-XT Sealed 2 Circuit Wedgelock Plug Housing, Green
93444-1201 MOLEX11-93444-1201 Datasheet
43Kb / 1P
   ML-XT Sealed 2 Circuit Receptacle Housing
93444-1101 MOLEX11-93444-1101 Datasheet
43Kb / 1P
   ML-XT Sealed 2 Circuit Receptacle Housing
93445-1201 MOLEX11-93445-1201 Datasheet
44Kb / 1P
   ML-XT Sealed 2 Circuit Plug Housing
93445-1101 MOLEX11-93445-1101 Datasheet
44Kb / 1P
   ML-XT Sealed 2 Circuit Plug Housing
0934441602 MOLEX1-0934441602 Datasheet
42Kb / 2P
   ML-XT Sealed 2 Circuit Receptacle Housing with Heatshrink, Pre-Assembled
0934441603 MOLEX1-0934441603 Datasheet
44Kb / 2P
   ML-XT Sealed 2 Circuit Receptacle Housing with Heatshrink, Pre-Assembled
0934441506 MOLEX1-0934441506 Datasheet
43Kb / 2P
   ML-XT Sealed 2 Circuit Receptacle Housing with Heatshrink, Pre-Assembled
0934441605 MOLEX1-0934441605 Datasheet
47Kb / 2P
   ML-XT Sealed 2 Circuit Receptacle Housing with Heatshrink, Pre-Assembled
0934441607 MOLEX1-0934441607 Datasheet
44Kb / 2P
   ML-XT Sealed 2 Circuit Receptacle Housing with Heatshrink, Pre-Assembled
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com