Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HA12209F Fiches technique(PDF) 44 Page - Hitachi Semiconductor

No de pièce HA12209F
Description  Audio Signal Processor for Cassette Deck(Dolby B-type NR with Recording System)
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HITACHI [Hitachi Semiconductor]
Site Internet  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA12209F Fiches technique(HTML) 44 Page - Hitachi Semiconductor

Back Button HA12209F Datasheet HTML 40Page - Hitachi Semiconductor HA12209F Datasheet HTML 41Page - Hitachi Semiconductor HA12209F Datasheet HTML 42Page - Hitachi Semiconductor HA12209F Datasheet HTML 43Page - Hitachi Semiconductor HA12209F Datasheet HTML 44Page - Hitachi Semiconductor HA12209F Datasheet HTML 45Page - Hitachi Semiconductor HA12209F Datasheet HTML 46Page - Hitachi Semiconductor HA12209F Datasheet HTML 47Page - Hitachi Semiconductor HA12209F Datasheet HTML 48Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 49 page
background image
HA12209F
Rev.2, Jun. 1999, page 44 of 49
EQ Total Harmonic Distortion vs. Input Level (3)
–30
0
30
–20
–10
10
20
100
1.0
10
0.1
EQ Total Harmonic Distortion vs. Input Level (2)
Input Level (dB)
Input Level (dB)
–30
0
30
–20
–10
10
20
100
1.0
10
0.1
VCC = 12V, EQin → EQOUT,
Vin = –26dBs = 0dB
Normal speed, TYPE II
315Hz
1kHz
5kHz
10kHz
VCC = 12V, EQin → EQOUT,
Vin = –26dBs = 0dB
High speed, TYPE I
315Hz
2kHz
10kHz
20kHz


Numéro de pièce similaire - HA12209F

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
HA12203 HITACHI-HA12203 Datasheet
687Kb / 97P
   Audio Signal Processor for Cassette Deck(Dolby B-type NR with Recording System)
HA12203NT HITACHI-HA12203NT Datasheet
687Kb / 97P
   Audio Signal Processor for Cassette Deck(Dolby B-type NR with Recording System)
HA12204NT HITACHI-HA12204NT Datasheet
687Kb / 97P
   Audio Signal Processor for Cassette Deck(Dolby B-type NR with Recording System)
HA12206 HITACHI-HA12206 Datasheet
180Kb / 32P
   Audio Signal Processor for Cassette Deck
HA12206NT HITACHI-HA12206NT Datasheet
180Kb / 32P
   Audio Signal Processor for Cassette Deck
More results

Description similaire - HA12209F

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
HA12203NT HITACHI-HA12203NT Datasheet
687Kb / 97P
   Audio Signal Processor for Cassette Deck(Dolby B-type NR with Recording System)
HA12226F HITACHI-HA12226F Datasheet
491Kb / 86P
   Audio Signal Processor for Cassette Deck(Dolby B-type NR with Recording System)
logo
Renesas Technology Corp
HA12226F RENESAS-HA12226F Datasheet
731Kb / 84P
   Audio Signal Processor for Cassette Deck(Dolby B-type NR with Recording System)
logo
Hitachi Semiconductor
HA12215F HITACHI-HA12215F Datasheet
389Kb / 69P
   Audio Signal Processor for Cassette Deck(Dolby B-type NR with Recording System)
HA12155NT HITACHI-HA12155NT Datasheet
463Kb / 57P
   Audio Signal Processor for Cassette Deck (Dolby B/C-type NR with Recording System)
HA12163 HITACHI-HA12163 Datasheet
578Kb / 66P
   Audio Signal Processor for Car Deck and Cassette Deck (Dolby B-type NR with PB Amp)
HA12173 HITACHI-HA12173 Datasheet
1Mb / 66P
   Audio Signal Processor for Car Deck and Cassette Deck (Dolby B/C-type NR with PB Amp)
HA12179F HITACHI-HA12179F Datasheet
259Kb / 40P
   Audio Signal Processer for Car Deck and Cassette Deck(Dolby B-type NR with PB Amp)
HA12216F HITACHI-HA12216F Datasheet
343Kb / 53P
   Audio Signal Processor for Car Deck(Decode only Dolby B type NR with PB Amp.)
HA12192F HITACHI-HA12192F Datasheet
517Kb / 89P
   Audio Signal Processor for Car Deck(Decode only Dolby B-type NR with PB Amp.)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com