Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

HA12209F Datasheet(Fiches technique) 4 Page - Hitachi Semiconductor

Numéro de pièce HA12209F
Description  Audio Signal Processor for Cassette Deck(Dolby B-type NR with Recording System)
Télécharger  49 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  HITACHI [Hitachi Semiconductor]
Site Internet  http://www.renesas.com/eng
Logo 

HA12209F Datasheet(HTML) 4 Page - Hitachi Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 4 / 49 page
background image
HA12209F
Rev.2, Jun. 1999, page 4 of 49
Pin Description, Equivalent Circuit (V
CC=12V, Ta=25°C, No signal, The value in the
table show typical value.) (cont)
Pin No.
Pin Name
Note
Equivalent Circuit
Pin Description
3
PBOUT (R)
V = V
CC / 2
VCC
GND
V
PB output
40
PBOUT (L)
5
RECOUT (R)
REC output
38
RECOUT (L)
8
EQOUT (R)
Equalizer output
35
EQOUT (L)
32
MAOUT
MS amp. input *
1
53
ABO (R)
V = V
CC / 2
VCC
GND
12k
15k
V
Time constant
pin for PB
equalizer
46
ABO (L)
25
BIAS (C)
V = V
CC
0.7
VCC
V
REC bias current
output
26
BIAS (N)
Note:
1. MS : Music Sensor


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn