Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

HA12192F Datasheet(Fiches technique) 3 Page - Hitachi Semiconductor

Numéro de pièce HA12192F
Description  Audio Signal Processor for Car Deck(Decode only Dolby B-type NR with PB Amp.)
Télécharger  89 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  HITACHI [Hitachi Semiconductor]
Site Internet  http://www.renesas.com/eng
Logo 

HA12192F Datasheet(HTML) 3 Page - Hitachi Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 3 / 89 page
background image
HA12192F/HA12197F/HA12212F Series
Rev.5, Jun. 1999, page 3 of 89
Pin Description and Equivalent Circuit (V
CC = 9V, single supply, Ta = 25°C, No
signal, The value in the table show typical value.)
Pin No.
FP-28TB
FP-40B
Pin Name
Note
Equivalent Circuit
Description
13
19
MSI
V = V
CC / 2
V
100k
VCC/2
Ri2
Ri1
HA12192/
3/4
HA12212F
HA12197
HA12198
HA12199
MS input *1
Ri1
0
22.6k
33.3k
Ri2
100k
77.4k
66.7k
18
28
DIN (L)
V = V
CC / 2
V
100k
VCC/2
Deck input
3
3
DIN (R)
16 *
2
22
DET (L)
V = 2.5V
VCC
GND
V
Time constant pin
for rectifier
5 *
2
9DET (R)
23
33
RIP
V = V
CC / 2
Ripple filter
6 *
2
10
BIAS
V = 0.28V
GND
V
Dolby bias current
input
Note:
1. MS : Music Sensor
2. Non connection regarding HA12197F series.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn