Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HA12192F Fiches technique(PDF) 15 Page - Hitachi Semiconductor

No de pièce HA12192F
Description  Audio Signal Processor for Car Deck(Decode only Dolby B-type NR with PB Amp.)
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HITACHI [Hitachi Semiconductor]
Site Internet  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA12192F Fiches technique(HTML) 15 Page - Hitachi Semiconductor

Back Button HA12192F Datasheet HTML 11Page - Hitachi Semiconductor HA12192F Datasheet HTML 12Page - Hitachi Semiconductor HA12192F Datasheet HTML 13Page - Hitachi Semiconductor HA12192F Datasheet HTML 14Page - Hitachi Semiconductor HA12192F Datasheet HTML 15Page - Hitachi Semiconductor HA12192F Datasheet HTML 16Page - Hitachi Semiconductor HA12192F Datasheet HTML 17Page - Hitachi Semiconductor HA12192F Datasheet HTML 18Page - Hitachi Semiconductor HA12192F Datasheet HTML 19Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 89 page
background image
HA12192F/HA12197F/HA12212F Series
Rev.5, Jun. 1999, page 15 of 89
Music Sensor Time Constant
(1) Sensing no signal to signal (Attack) is determined by C6.
0.01
µF to 1µF capacitor C6 can be applicable.
Sensing no signal to signal = C6
× 45000 (sec)
(2) Sensing signal to no signal (Recovery) is determined by C6 and R11, however preceding (1), 100k
Ω to
1M
Ω R11 can be applicable.
Sensing signal to no signal = C6
× R11 (sec)
Music Sensor Output (MSOUT)
As for the internal circuit of music sensor block, music sensor output pin is connected to the collector of
NPN type directly, therefore, output level will be “high” when sensing no signal. And output level will be
“low” when sensing signal.
Connection with microcomputer, design I
L at 1mA Typ.
I L =
DVCC – MSOUTLo *
R L
*MSOUT
Lo:
Sensing signal (about 1V)
Note:
Supply voltage of MSOUT pin must be less than V
CC voltage.
The Tolerances of External Components for Dolby NR-Block (Only HA12192F Series)
For adequate Dolby NR tracking response, take external components shown below.
BIAS
DET(R)
DET(L)
C10
0.1
µF
±10%
C4
0.1
µF
±10%
R8
18k
±2%
HA12192F series
16
65
Figure 6 Tolerance of External Components


Numéro de pièce similaire - HA12192F

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
HA12133MP HITACHI-HA12133MP Datasheet
467Kb / 19P
   PRE,REC,EQUALLZER IC FOR R-DAT
HA12134A HITACHI-HA12134A Datasheet
130Kb / 27P
   Dolby B-Type Noise Reduction System
HA12134A HITACHI-HA12134A Datasheet
101Kb / 27P
   Dolby B-Type Noise Reduction System
HA12134AF HITACHI-HA12134AF Datasheet
101Kb / 27P
   Dolby B-Type Noise Reduction System
HA12135A HITACHI-HA12135A Datasheet
130Kb / 27P
   Dolby B-Type Noise Reduction System
More results

Description similaire - HA12192F

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
HA12216F HITACHI-HA12216F Datasheet
343Kb / 53P
   Audio Signal Processor for Car Deck(Decode only Dolby B type NR with PB Amp.)
logo
Renesas Technology Corp
HA12228F RENESAS-HA12228F Datasheet
529Kb / 49P
   Audio Signal Processor for Car Deck (Decode only Dolby B-type NR* with PB Amp.)
logo
Hitachi Semiconductor
HA12228F HITACHI-HA12228F Datasheet
304Kb / 51P
   Audio Signal Processor for Car Deck(Decode only Dolby B-type NR with PB Amp.)
logo
Renesas Technology Corp
HA12216F RENESAS-HA12216F Datasheet
549Kb / 53P
   Audio Signal Processor for Car Deck (Decode only Dolby B type NR with PB Amp.)
logo
Hitachi Semiconductor
HA12163 HITACHI-HA12163 Datasheet
578Kb / 66P
   Audio Signal Processor for Car Deck and Cassette Deck (Dolby B-type NR with PB Amp)
HA12173 HITACHI-HA12173 Datasheet
1Mb / 66P
   Audio Signal Processor for Car Deck and Cassette Deck (Dolby B/C-type NR with PB Amp)
HA12179F HITACHI-HA12179F Datasheet
259Kb / 40P
   Audio Signal Processer for Car Deck and Cassette Deck(Dolby B-type NR with PB Amp)
HA12203NT HITACHI-HA12203NT Datasheet
687Kb / 97P
   Audio Signal Processor for Cassette Deck(Dolby B-type NR with Recording System)
HA12226F HITACHI-HA12226F Datasheet
491Kb / 86P
   Audio Signal Processor for Cassette Deck(Dolby B-type NR with Recording System)
logo
Renesas Technology Corp
HA12226F RENESAS-HA12226F Datasheet
731Kb / 84P
   Audio Signal Processor for Cassette Deck(Dolby B-type NR with Recording System)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com