Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

HA12173 Datasheet(Fiches technique) 5 Page - Hitachi Semiconductor

Numéro de pièce HA12173
Description  Audio Signal Processor for Car Deck and Cassette Deck (Dolby B/C-type NR with PB Amp)
Télécharger  66 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  HITACHI [Hitachi Semiconductor]
Site Internet  http://www.renesas.com/eng
Logo 

HA12173 Datasheet(HTML) 5 Page - Hitachi Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 5 / 66 page
background image
HA12173 Series
Rev.1, Nov. 1992, page 5 of 66
Pin Description (V
CC = 9 V Single supply, Ta = 25°C, No signal, The value in the table
show typical value) (cont)
Pin No.
Terminal
name
Zin
DC
voltage Equivalent circuit
Description
21
MS OUT
D GND
MS VCC
Music sensor
output to MPU
22
V
CC
—V
CC
Power supply
23
MS V
CC
20
D GND
0V
Digital (Logic)
ground
27
MS GND
Music sensor
ground
49, 50
GND
Ground
48, 51
FIN
V
CC/2
PB - EQ input for
forward
46, 53
RIN
PB - EQ input for
reverse
45, 54
NFI
Negative
feedback
terminal of PB -
EQ amp.
28
NOI
Negative
feedback input
for normal speed
29
FFI
Negative
feedback input
for FF or REW


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn