Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HA12163 Fiches technique(PDF) 55 Page - Hitachi Semiconductor

No de pièce HA12163
Description  Audio Signal Processor for Car Deck and Cassette Deck (Dolby B-type NR with PB Amp)
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HITACHI [Hitachi Semiconductor]
Site Internet  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA12163 Fiches technique(HTML) 55 Page - Hitachi Semiconductor

Back Button HA12163 Datasheet HTML 51Page - Hitachi Semiconductor HA12163 Datasheet HTML 52Page - Hitachi Semiconductor HA12163 Datasheet HTML 53Page - Hitachi Semiconductor HA12163 Datasheet HTML 54Page - Hitachi Semiconductor HA12163 Datasheet HTML 55Page - Hitachi Semiconductor HA12163 Datasheet HTML 56Page - Hitachi Semiconductor HA12163 Datasheet HTML 57Page - Hitachi Semiconductor HA12163 Datasheet HTML 58Page - Hitachi Semiconductor HA12163 Datasheet HTML 59Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 66 page
background image
HA12163 Series
Rev.4, Jun. 1999, page 55 of 66
Total Harmonic Distortion vs. Output Level (1)
(RAIin RECmode RECOUT NR-OFF)
−15
−10
−50
510
15
0.01
0.02
0.05
0.1
0.2
0.5
1.0
2
5
Output Level Vout (dB)
fin = 100 Hz
fin = 1 kHz
fin = 10 kHz
V
= 12 V
CC
20
HA12165
Total Harmonic Distortion vs. Output Level (2)
(RAIin RECmode RECOUT NR-ON)
−15
−10
−50
510
15
0.01
0.02
0.05
0.1
0.2
0.5
1.0
2
5
Output Level Vout (dB)
fin = 100 Hz
fin = 1 kHz
fin = 10 kHz
V
= 12 V
CC
20
HA12165


Numéro de pièce similaire - HA12163

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
HA12161FP HITACHI-HA12161FP Datasheet
392Kb / 63P
   Dolby B- and C-Type Noise Reduction System
HA12162FP HITACHI-HA12162FP Datasheet
392Kb / 63P
   Dolby B- and C-Type Noise Reduction System
HA12167FB HITACHI-HA12167FB Datasheet
524Kb / 73P
   Audio Signal Processor for Cassette Deck (Deck 1 Chip)
HA12169FB HITACHI-HA12169FB Datasheet
524Kb / 73P
   Audio Signal Processor for Cassette Deck (Deck 1 Chip)
More results

Description similaire - HA12163

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
HA12173 HITACHI-HA12173 Datasheet
1Mb / 66P
   Audio Signal Processor for Car Deck and Cassette Deck (Dolby B/C-type NR with PB Amp)
HA12179F HITACHI-HA12179F Datasheet
259Kb / 40P
   Audio Signal Processer for Car Deck and Cassette Deck(Dolby B-type NR with PB Amp)
HA12216F HITACHI-HA12216F Datasheet
343Kb / 53P
   Audio Signal Processor for Car Deck(Decode only Dolby B type NR with PB Amp.)
HA12192F HITACHI-HA12192F Datasheet
517Kb / 89P
   Audio Signal Processor for Car Deck(Decode only Dolby B-type NR with PB Amp.)
logo
Renesas Technology Corp
HA12228F RENESAS-HA12228F Datasheet
529Kb / 49P
   Audio Signal Processor for Car Deck (Decode only Dolby B-type NR* with PB Amp.)
logo
Hitachi Semiconductor
HA12228F HITACHI-HA12228F Datasheet
304Kb / 51P
   Audio Signal Processor for Car Deck(Decode only Dolby B-type NR with PB Amp.)
logo
Renesas Technology Corp
HA12216F RENESAS-HA12216F Datasheet
549Kb / 53P
   Audio Signal Processor for Car Deck (Decode only Dolby B type NR with PB Amp.)
logo
Hitachi Semiconductor
HA12203NT HITACHI-HA12203NT Datasheet
687Kb / 97P
   Audio Signal Processor for Cassette Deck(Dolby B-type NR with Recording System)
HA12226F HITACHI-HA12226F Datasheet
491Kb / 86P
   Audio Signal Processor for Cassette Deck(Dolby B-type NR with Recording System)
logo
Renesas Technology Corp
HA12226F RENESAS-HA12226F Datasheet
731Kb / 84P
   Audio Signal Processor for Cassette Deck(Dolby B-type NR with Recording System)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com