Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC350 Fiches technique(PDF) 4 Page - Tripp Lite. All Rights Reserved

No de pièce BC350
Description  BC Personal 350VA Ultra-compact Standby 120V UPS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TRIPPLITE [Tripp Lite. All Rights Reserved]
Site Internet  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

BC350 Fiches technique(HTML) 4 Page - Tripp Lite. All Rights Reserved

  BC350 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved BC350 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved BC350 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved BC350 Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Product Warranty Period (U.S. &
Canada)
3-year limited warranty
Product Warranty Period (Latin
America)
3-year limited warranty
Product Warranty Period
(International)
2-year limited warranty
Product Warranty Period (Mexico)
3-year limited warranty
Connected Equipment Insurance
(U.S., Canada & Puerto Rico)
$100,000 Ultimate Lifetime Insurance
© 2014 Tripp Lite. All rights reserved. All trademarks are the sole property of their respective owners. Tripp Lite has a policy of continuous improvement.
Specifications are subject to change without notice. Photos may differ slightly from final products.
4 / 4


Numéro de pièce similaire - BC350

FabricantNo de pièceFiches techniqueDescription
logo
Jiangsu Changjiang Elec...
BC350 JIANGSU-BC350 Datasheet
242Kb / 3P
   TRANSISTOR (PNP)
logo
SHENZHEN YONGERJIA INDU...
BC350 WINNERJOIN-BC350 Datasheet
125Kb / 1P
   TRANSISTOR (PNP)
logo
Jiangsu Changjiang Elec...
BC350-TO-92 JIANGSU-BC350-TO-92 Datasheet
242Kb / 3P
   TRANSISTOR (PNP)
logo
Tripp Lite. All Rights ...
BC350 TRIPPLITE-BC350_15 Datasheet
495Kb / 4P
   BC Personal 120V 350VA 180W Standby UPS,Ultra-Compact Desktop, 6 Outlets
More results

Description similaire - BC350

FabricantNo de pièceFiches techniqueDescription
logo
Tripp Lite. All Rights ...
BC350 TRIPPLITE-BC350_15 Datasheet
495Kb / 4P
   BC Personal 120V 350VA 180W Standby UPS,Ultra-Compact Desktop, 6 Outlets
BCPERS300 TRIPPLITE-BCPERS300 Datasheet
485Kb / 4P
   BC Personal 300VA Tower Standby 120V UPS
logo
List of Unclassifed Man...
BCPERS300 ETC2-BCPERS300 Datasheet
488Kb / 5P
   BC Personal 300VA Tower Standby 120V UPS
logo
Tripp Lite. All Rights ...
INTERNET350U TRIPPLITE-INTERNET350U Datasheet
497Kb / 4P
   Internet Office 350VA Ultra-compact Standby 120V UPS with USB port
INTERNET350SER TRIPPLITE-INTERNET350SER Datasheet
489Kb / 4P
   Internet Office 350VA Ultra-compact Standby 120V
INTERNET350U TRIPPLITE-INTERNET350U Datasheet
497Kb / 4P
   Internet Office 350VA Ultra-compact Standby 120V
logo
List of Unclassifed Man...
INTERNET350U ETC2-INTERNET350U Datasheet
499Kb / 6P
   Internet Office 350VA Ultra-compact Standby 120V UPS with USB port
INTERNET350SER ETC2-INTERNET350SER Datasheet
492Kb / 5P
   Internet Office 350VA Ultra-compact Standby 120V UPS with Serial port
logo
Tripp Lite. All Rights ...
BCPERS300 TRIPPLITE-BCPERS300_15 Datasheet
485Kb / 4P
   BC Personal 120V 300VA 180W Standby UPS,Tower, 3 Outlets
logo
List of Unclassifed Man...
BCPERS450 ETC2-BCPERS450 Datasheet
501Kb / 6P
   BC Personal 450VA Tower Standby 120V UPS with USB port
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com