Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PS-117 Fiches technique(PDF) 1 Page - SYNERGY MICROWAVE CORPORATION

No de pièce PS-117
Description  PHASE SHIFTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SYNERGY [SYNERGY MICROWAVE CORPORATION]
Site Internet  http://www.synergymwave.com
Logo SYNERGY - SYNERGY MICROWAVE CORPORATION

PS-117 Fiches technique(HTML) 1 Page - SYNERGY MICROWAVE CORPORATION

  PS-117 Datasheet HTML 1Page - SYNERGY MICROWAVE CORPORATION PS-117 Datasheet HTML 2Page - SYNERGY MICROWAVE CORPORATION PS-117 Datasheet HTML 3Page - SYNERGY MICROWAVE CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
111 - 123 MHz
OPTIMIZED BANDWIDTH
PHASE SHIFTER
SURFACE MOUNT MODEL:
PS-117
201 McLean Boulevard • Paterson, New Jersey 07504 • Tel: (973) 881-8800 • Fax: (973) 881-8361
E-Mail: sales@synergymwave.com • World Wide Web: http://www.synergymwave.com
Copyright © Synergy Microwave Corporation
[ 1 of 3 ]
FEATURES:
Over 180º Phase Shift
Low Control Voltage
Low VSWR
SPECIFICATIONS (Rev. A 03/25/11)
Frequency
111 - 123 MHz
Insertion Loss (dB)
Typ.
Max.
1.5
2.0
Control Bandwidth
DC to 50 kHz
Control Voltage
0 - 12 V
Phase Shift Range
0 - 180º (Min.)
VSWR
1.65:1 (Typ.)
Input Power
0 dBm (Max.)
Impedance
50 Ohms (Nom.)
Operating Temperature Range -40 to +85 °C
Absolute Maximum Ratings
Storage Temp. Range
-55 to +100 ºC
RF Input Power
+20 dBm
Contol Voltage
+15 V
Package #
103S
PORT CONFIGURATION
Input
Output
CTRL
GND
1
2
7
All Others


Numéro de pièce similaire - PS-117

FabricantNo de pièceFiches techniqueDescription
logo
KODENSHI_AUK CORP.
PS-117D KODENSHI-PS-117D Datasheet
175Kb / 2P
   Paper sensors(photo switches are composed of a modulated infrared emitting)
PS-117L KODENSHI-PS-117L Datasheet
175Kb / 2P
   Paper sensors(photo switches are composed of a modulated infrared emitting)
More results

Description similaire - PS-117

FabricantNo de pièceFiches techniqueDescription
logo
Merrimac Industries, In...
PSD-2SH-1.9G MERRIMAC-PSD-2SH-1.9G Datasheet
96Kb / 1P
   PHASE SHIFTER
logo
SYNERGY MICROWAVE CORPO...
PS220230B SYNERGY-PS220230B Datasheet
420Kb / 3P
   PHASE SHIFTER
SPS-1300 SYNERGY-SPS-1300 Datasheet
343Kb / 3P
   PHASE SHIFTER
PS-352 SYNERGY-PS-352 Datasheet
330Kb / 3P
   PHASE SHIFTER
PS-901 SYNERGY-PS-901 Datasheet
389Kb / 3P
   PHASE SHIFTER
PS-909 SYNERGY-PS-909 Datasheet
303Kb / 3P
   PHASE SHIFTER
PS-923 SYNERGY-PS-923 Datasheet
374Kb / 3P
   PHASE SHIFTER
PS-927 SYNERGY-PS-927 Datasheet
320Kb / 3P
   PHASE SHIFTER
PS210220B SYNERGY-PS210220B Datasheet
353Kb / 3P
   PHASE SHIFTER
SPS-312 SYNERGY-SPS-312 Datasheet
355Kb / 3P
   PHASE SHIFTER
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com