Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SK3161 Fiches technique(PDF) 3 Page - Hitachi Semiconductor

No de pièce 2SK3161
Description  Silicon N Channel MOS FET High Speed Power Switching
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HITACHI [Hitachi Semiconductor]
Site Internet  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SK3161 Fiches technique(HTML) 3 Page - Hitachi Semiconductor

  2SK3161 Datasheet HTML 1Page - Hitachi Semiconductor 2SK3161 Datasheet HTML 2Page - Hitachi Semiconductor 2SK3161 Datasheet HTML 3Page - Hitachi Semiconductor 2SK3161 Datasheet HTML 4Page - Hitachi Semiconductor 2SK3161 Datasheet HTML 5Page - Hitachi Semiconductor 2SK3161 Datasheet HTML 6Page - Hitachi Semiconductor 2SK3161 Datasheet HTML 7Page - Hitachi Semiconductor 2SK3161 Datasheet HTML 8Page - Hitachi Semiconductor 2SK3161 Datasheet HTML 9Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
2SK3161(L),2SK3161(S)
3
Main Characteristics
80
60
40
20
0
50
100
150
200
100
3
10
1
0.1
0.01
12
10 20
100
20
16
12
8
4
0
12
34
5
0
2
468
10
Ta = 25 °C
Tc = 75°C
25°C
–25°C
Case Temperature
Tc (°C)
Power vs. Temperature Derating
Drain to Source Voltage
V
(V)
DS
Maximum Safe Operation Area
Drain to Source Voltage
V
(V)
DS
Typical Output Characteristics
Gate to Source Voltage
V
(V)
GS
Typical Transfer Characteristics
Operation in
this area is
limited by R DS(on)
V
= 10 V
Pulse Test
DS
100
µs
1 ms
PW
=10
ms
(1shot)
DC
Operation
(Tc
= 25°C)
10
µs
50
40
30
20
10
3.5 V
3 V
V
=2.5 V
GS
10 V
Pulse Test
6 V
4 V
0.3
0.03
500
30
5
50
200


Numéro de pièce similaire - 2SK3161

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
2SK3161 RENESAS-2SK3161 Datasheet
94Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
2SK3161(L) RENESAS-2SK3161(L)_15 Datasheet
114Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
2SK3161-E RENESAS-2SK3161-E Datasheet
94Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
logo
Inchange Semiconductor ...
2SK3161L ISC-2SK3161L Datasheet
327Kb / 2P
   isc N-Channel MOSFET Transistor
2SK3161S ISC-2SK3161S Datasheet
400Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Description similaire - 2SK3161

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
H7N0608LD RENESAS-H7N0608LD Datasheet
118Kb / 12P
   Silicon N Channel MOS FET High Speed Power Switching
H5N1503P RENESAS-H5N1503P Datasheet
81Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK6015DPK RENESAS-RJK6015DPK Datasheet
107Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H7N0310LD RENESAS-H7N0310LD Datasheet
131Kb / 14P
   Silicon N Channel MOS FET High Speed Power Switching
2SK2788 RENESAS-2SK2788_11 Datasheet
82Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK5013DPE RENESAS-RJK5013DPE_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJL5014DPK RENESAS-RJL5014DPK_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H5N5006DL RENESAS-H5N5006DL_15 Datasheet
113Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005LD RENESAS-H7N1005LD_15 Datasheet
145Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
HAT2179R RENESAS-HAT2179R_15 Datasheet
126Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005DL RENESAS-H7N1005DL_15 Datasheet
139Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com