Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74HC595D Fiches technique(PDF) 1 Page - Tiger Electronic Co.,Ltd

No de pièce 74HC595D
Description  8-Bit Shift Registers with Output Latches
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TGS [Tiger Electronic Co.,Ltd]
Site Internet  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

74HC595D Fiches technique(HTML) 1 Page - Tiger Electronic Co.,Ltd

  74HC595D Datasheet HTML 1Page - Tiger Electronic Co.,Ltd 74HC595D Datasheet HTML 2Page - Tiger Electronic Co.,Ltd 74HC595D Datasheet HTML 3Page - Tiger Electronic Co.,Ltd 74HC595D Datasheet HTML 4Page - Tiger Electronic Co.,Ltd 74HC595D Datasheet HTML 5Page - Tiger Electronic Co.,Ltd 74HC595D Datasheet HTML 6Page - Tiger Electronic Co.,Ltd 74HC595D Datasheet HTML 7Page - Tiger Electronic Co.,Ltd 74HC595D Datasheet HTML 8Page - Tiger Electronic Co.,Ltd 74HC595D Datasheet HTML 9Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
74HC595D / 74HC595V / 74HC595P
Rev 2.2
2013-11-21
8-Bit Shift Registers with Output Latches
General Description
The 74HC595 high speed shift register utilizes advanced silicon-gate CMOS technology. This device
possesses the high noise immunity and low power consumption of standard CMOS integrated circuits, as well as
the ability to drive 15 LS-TTL loads. This device contains an 8-bit serial-in, parallel-out shift register that feeds an
8-bit D-type storage register. The storage register has 8 3-STATE outputs. Separate clocks are provided for both
the shift register and the storage register. The shift register has a direct-overriding clear, serial input, and serial
output (standard) pins for cascading. Both the shift register and storage register use positive-edge triggered clocks.
If both clocks are connected together, the shift register state will always be one clock pulse ahead of the storage
register.
Features
Low quiescent current: 80µA maximum
Low input current: 1µA maximum
8-bit serial-in, parallel-out shift register with storage
Wide operating voltage range: 2V–6V
Cascadable
Shift register has direct clear
Guaranteed shift frequency: DC to 30 MHz
Package: SOP16(74HC595D), TSSOP16(74HC595V), DIP16(74HC595P)
Connection Diagram
1
2
3
4
5
6
7
89
10
11
12
13
14
15
16
Q
Q
Q
Q
Q
Q
Q
Q
GND
VCC
SER
G
RCK
SCK
SCLR
Q'
A
B
C
D
E
F
G
H
H
SOP16(74HC595D), TSSOP16(74HC595V), DIP16(74HC595P)
TIGER ELECTRONIC CO.,LTD


Numéro de pièce similaire - 74HC595D

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74HC595D PHILIPS-74HC595D Datasheet
140Kb / 28P
   8-bit serial-in/serial or parallel-out shift register with output latches; 3-state
2003 Jun 25
74HC595D NXP-74HC595D Datasheet
374Kb / 24P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 6-12 December 2011
74HC595D NXP-74HC595D Datasheet
374Kb / 24P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 6-12 December 2011
74HC595D NXP-74HC595D Datasheet
374Kb / 24P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 6-12 December 2011
logo
SHENZHEN FUMAN ELECTRON...
74HC595D FUMAN-74HC595D Datasheet
523Kb / 8P
   3-state 8-bit shift register
More results

Description similaire - 74HC595D

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
MM74HC595 FAIRCHILD-MM74HC595_04 Datasheet
121Kb / 10P
   8-Bit Shift Registers with Output Latches
MM74HC595 FAIRCHILD-MM74HC595 Datasheet
93Kb / 10P
   8-Bit Shift Registers with Output Latches
logo
Texas Instruments
SN54LS594 TI-SN54LS594 Datasheet
165Kb / 5P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT LATCHES
logo
National Semiconductor ...
MM54HC595 NSC-MM54HC595 Datasheet
186Kb / 8P
   8-Bit Shift Registers with Output Latches
logo
Texas Instruments
SN54LS595 TI-SN54LS595_07 Datasheet
1Mb / 24P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT LATCHES
SN54LS595 TI-SN54LS595 Datasheet
248Kb / 15P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT LATCHES
SN54LS594 TI1-SN54LS594_09 Datasheet
396Kb / 7P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT LATCHES
SN54LS597 TI-SN54LS597 Datasheet
345Kb / 10P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH INPUT LATCHES
logo
Fairchild Semiconductor
MM74HC597 FAIRCHILD-MM74HC597_04 Datasheet
91Kb / 8P
   8-Bit Shift Registers with Input Latches
logo
Texas Instruments
SN54LS597 TI1-SN54LS597_15 Datasheet
674Kb / 19P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH INPUT LATCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com